Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4901 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N4901
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N4901 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N4901 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N4901 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N4901 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon PNP Power Transistors
2N4901 2N4902 2N4903
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N4901
40
2N4902
60
VCEO
Collector-emitter
sustaining voltage
2N4903
IC=0.2A ;IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=1A; IB=0.1A
0.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=5A ;IB=1A
1.5
V
VBE
Base-emitter on voltage
IC=1A ; VCE=2V
1.2
V
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
1.0
mA
ICBO
Collector cut-off current
VCB=Rated VCBO; IE=0
0.1
mA
ICEX
Collector cut-off current
VCE= Rated VCEO; VBE(off)=1.5V
TC=150℃
1.0
2.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=2V
20
80
hFE-2
DC current gain
IC=5A ; VCE=2V
7
fT
Transition frequency
IC=1A ; VCE=10V
4
MHz


Similar Part No. - 2N4901

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
   POWER TRANSISTORS(5.0A,87.5W)
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
   COMPLEMENTARY SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4901 NJSEMI-2N4901 Datasheet
87Kb / 2P
   COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
   Power Transistors
More results

Similar Description - 2N4901

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com