Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4901 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N4901
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N4901 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N4901 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N4901 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N4901 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
2N4901 2N4902 2N4903
DESCRIPTION
・With TO-3 package
・Complement to type 2N5067,2N5068,2N5069
・Low collector-emitter saturation voltage
APPLICATIONS
・For general–purpose switching
and power amplifier applications.
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N4901
40
2N4902
60
VCBO
Collector-base voltage
2N4903
Open emitter
80
V
2N4901
40
2N4902
60
VCEO
Collector-emitter voltage
2N4903
Open base
80
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
5
A
ICM
Collector current-peak
10
A
IB
Base current
1
A
PC
Collector power dissipation
TC=25℃
87.5
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
2.0
℃/W


Similar Part No. - 2N4901

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
POWER TRANSISTORS(5.0A,87.5W)
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results

Similar Description - 2N4901

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com