Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC0007169 Datasheet(PDF) 1 Page - ERNI Electronics

Part # DC0007169
Description  MSpeed Messerl. 90. PM SMD/THR MSpeed male 90. PM SMD/THR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0007169 Datasheet(HTML) 1 Page - ERNI Electronics

  DC0007169 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
0,1 mm
1,6
1,6
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging
Verpackungseinheit: 400 Stück
Verpackt in Gurtverpackung
Packaging unit: 400 pcs
Leiterplatten-Layout Vorschlag /
1.)
PCB-Layout Proposal
1.)
Leiterplattenkante
Board edge
1.) Durchmesser des Bohrers /
Drill tool
1
3
±0,03
3 x 3 = 9
0,9
0,7
±0,03
11
±0,03
2
0,8
8
4 x 2 =
1,5
0,6 ±0,05
Schirmblechauflagefläche berücksichtigen,
keine Durchkontaktierungen oder Leitungen möglich!
Consider shielding contact area, no via´s or traces possible!
a1
16
Class
A3
prior notice.
contact one of the ERNI companies
Date
16.04.2013
c
Index
MSPPM
MSpeed male 90° PM SMD/THR
MSpeed Messerl. 90° PM SMD/THR
364706
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
2,5
0,8
6,1
8,8
2,75
9,2
3
a1
a5
8
10,15
0,6
4 x 2 =
11
0,5
11,15
2
12,15


Similar Part No. - DC0007169

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0007160 ERNI-DC0007160 Datasheet
73Kb / 1P
MSpeed Federl. 90 PM MSpeed female 90 PM
DC0007163 ERNI-DC0007163 Datasheet
76Kb / 1P
MSpeed Federl. 90 PM SMD MSpeed female 90 PM SMD
DC0007166 ERNI-DC0007166 Datasheet
54Kb / 1P
MSpeed Messerl. 90. PM THR MSpeed male 90. PM THR
More results

Similar Description - DC0007169

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364705 ERNI-364705 Datasheet
76Kb / 1P
MSpeed Messerl. 90 PM SMD
364706 ERNI-364706 Datasheet
73Kb / 1P
MSpeed Messerl. 90 PM SMD/THR
364710 ERNI-364710 Datasheet
74Kb / 1P
MSpeed Federl. 90 PM SMD/THR
394571 ERNI-394571 Datasheet
56Kb / 1P
MSpeed Federl. 90 PM THR
394573 ERNI-394573 Datasheet
54Kb / 1P
MSpeed Messerl. 90 PM THR
DC0007166 ERNI-DC0007166 Datasheet
54Kb / 1P
MSpeed Messerl. 90. PM THR MSpeed male 90. PM THR
DC0007172 ERNI-DC0007172 Datasheet
74Kb / 1P
MSpeed Messerl. 90. PM MSpeed male 90. PM
DC0007175 ERNI-DC0007175 Datasheet
54Kb / 1P
MSpeed Messerl. 90. PM MSpeed male 90. PM
DC0007178 ERNI-DC0007178 Datasheet
73Kb / 1P
MSpeed Messerl. 90. PM MSpeed male 90. PM
DC0007621 ERNI-DC0007621 Datasheet
74Kb / 1P
MSpeed Messerl. 90. PM SMD/THR MSpeed male 90. PM SMD/THR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com