Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM9264BLFP-10L Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM9264BLFP-10L
Description  64 k SRAM (8-kword x 8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM9264BLFP-10L Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM9264BLFP-10L Datasheet HTML 1Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 2Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 3Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 4Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 5Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 6Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 7Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 8Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HM9264B Series
64 k SRAM (8-kword
× 8-bit)
ADE-203-618C (Z)
Rev. 3.0
Nov. 1997
Description
The Hitachi HM9264B is 64k-bit static RAM organized 8-kword
× 8-bit. It realizes higher performance
and low power consumption by 1.5
µm CMOS process technology. The device, packaged in 450 mil
SOP (foot print pitch width), 600 mil plastic DIP, is available for high density mounting.
Features
• High speed
 Fast access time: 85/100 ns (max)
• Low power
 Standby: 10 µW (typ)
 Operation: 15 mW (typ) (f = 1 MHz)
• Single 5 V supply
• Completely static memory
 No clock or timing strobe required
• Equal access and cycle times
• Common data input and output
 Three state output
• Directly TTL compatible
 All inputs and outputs
• Battery backup operation capability
Note:
HM9264B series can't be applied for Aerospace, Aircraft, Nucleus Plants, Main Flame
Computers, Medical Life-support System, and Automobile Engine Control and Industrial
machines. (e.g. Communication Hubs, NC, and others.)
Ordering Information
Type No.
Access time
Package
HM9264BLFP-8L
HM9264BLFP-10L
85 ns
100 ns
450-mil, 28-pin plastic SOP(FP-28DA)
HM9264BLP-8L
HM9264BLP-10L
85 ns
100 ns
600-mil, 28-pin plastic DIP (DP-28)


Similar Part No. - HM9264BLFP-10L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9266 HMSEMI-HM9266 Datasheet
386Kb / 8P
Boost DC/DC converter IC
HM9266B HMSEMI-HM9266B Datasheet
684Kb / 7P
Ultra-small low voltage start PWM control boost DC/DC voltage regulator
More results

Similar Description - HM9264BLFP-10L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
64 k SRAM (8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
256k SRAM (32-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
256 k High Speed SRAM (32-kword 8-bit)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
1 M SRAM (128-KWORD X 8 BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com