Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM9264BLFP-10L Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HM9264BLFP-10L
Description  64 k SRAM (8-kword x 8-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM9264BLFP-10L Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HM9264BLFP-10L Datasheet HTML 1Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 2Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 3Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 4Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 5Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 6Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 7Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 8Page - Hitachi Semiconductor HM9264BLFP-10L Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HM9264B Series
Function Table
WE
CS1 CS2 OE
Mode
V
CC current
I/O pin
Ref. cycle
×
H
××
Not selected (power down)
I
SB, I SB1
High-Z
××
L
×
Not selected (power down)
I
SB, I SB1
High-Z
H
L
H
H
Output disable
I
CC
High-Z
H
L
H
L
Read
I
CC
Dout
Read cycle (1)–(3)
L
L
H
H
Write
I
CC
Din
Write cycle (1)
L
L
H
L
Write
I
CC
Din
Write cycle (2)
Note:
×: H or L
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage
*1
V
CC
–0.5 to +7.0
V
Terminal voltage
*1
V
T
–0.5
*2 to V
CC + 0.3
*3
V
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to + 70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–10 to +85
°C
Notes: 1. Relative to V
SS
2. V
T min:
–3.0 V for pulse half-width
≤ 50 ns
3. Maximum voltage is 7.0 V
Recommended DC Operating Conditions (Ta = 0 to +70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.5
5.0
5.5
V
V
SS
0
00V
Input high voltage
V
IH
2.2
V
CC + 0.3
V
Input low voltage
V
IL
–0.3
*1
0.8
V
Note:
1. V
IL min:
–3.0 V for pulse half-width
≤ 50 ns


Similar Part No. - HM9264BLFP-10L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9266 HMSEMI-HM9266 Datasheet
386Kb / 8P
   Boost DC/DC converter IC
HM9266B HMSEMI-HM9266B Datasheet
684Kb / 7P
   Ultra-small low voltage start PWM control boost DC/DC voltage regulator
More results

Similar Description - HM9264BLFP-10L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264B HITACHI-HM6264B Datasheet
82Kb / 15P
   64 k SRAM (8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
   256k SRAM (32-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
   256 k High Speed SRAM (32-kword 8-bit)
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com