Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVU04A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD74LVU04A
Description  Hex Inverters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVU04A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74LVU04A Datasheet HTML 1Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 2Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 3Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HD74LVU04A
3
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
V
CC
–0.5 to 7.0
V
Input voltage range*
1
V
I
–0.5 to 7.0
V
Output voltage range*
1, 2
V
O
–0.5 to V
CC + 0.5
V
Output: H or L
Input clamp current
I
IK
–20
mA
V
I < 0
Output clamp current
I
OK
±50
mA
V
O < 0 or VO > VCC
Continuous output current
I
O
±25
mA
V
O = 0 to VCC
Continuous current through
V
CC or GND
I
CC or IGND
±50
mA
Maximum power dissipation
at Ta = 25
°C (in still air)*3
P
T
785
mW
SOP
500
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore,
no two of which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current
ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150
°C.


Similar Part No. - HD74LVU04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVU04A RENESAS-HD74LVU04A Datasheet
65Kb / 8P
   Hex Inverters
HD74LVU04AFPEL RENESAS-HD74LVU04AFPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LVU04AFPEL RENESAS-HD74LVU04AFPEL Datasheet
88Kb / 10P
   Hex Inverters
HD74LVU04ARPEL RENESAS-HD74LVU04ARPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LVU04ARPEL RENESAS-HD74LVU04ARPEL Datasheet
88Kb / 10P
   Hex Inverters
More results

Similar Description - HD74LVU04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com