Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LVU04A Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HD74LVU04A
Description  Hex Inverters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LVU04A Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD74LVU04A Datasheet HTML 4Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 5Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 6Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 7Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 8Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 9Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 10Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 11Page - Hitachi Semiconductor HD74LVU04A Datasheet HTML 12Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HD74LVU04A
11
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
TTP-14D
0.05 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
0.50
± 0.10
0
° – 8°
6.40
± 0.20
0.10
0.13 M
0.65
17
14
8
5.00
5.30 Max
0.83 Max
*0.22
+0.08
–0.07
0.20
± 0.06
1.0


Similar Part No. - HD74LVU04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVU04A RENESAS-HD74LVU04A Datasheet
65Kb / 8P
   Hex Inverters
HD74LVU04AFPEL RENESAS-HD74LVU04AFPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LVU04AFPEL RENESAS-HD74LVU04AFPEL Datasheet
88Kb / 10P
   Hex Inverters
HD74LVU04ARPEL RENESAS-HD74LVU04ARPEL Datasheet
65Kb / 8P
   Hex Inverters
HD74LVU04ARPEL RENESAS-HD74LVU04ARPEL Datasheet
88Kb / 10P
   Hex Inverters
More results

Similar Description - HD74LVU04A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com