Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V111HF34 Datasheet(PDF) 5 Page - Littelfuse

Part # V111HF34
Description  Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V111HF34 Datasheet(HTML) 5 Page - Littelfuse

  V111HF34 Datasheet HTML 1Page - Littelfuse V111HF34 Datasheet HTML 2Page - Littelfuse V111HF34 Datasheet HTML 3Page - Littelfuse V111HF34 Datasheet HTML 4Page - Littelfuse V111HF34 Datasheet HTML 5Page - Littelfuse V111HF34 Datasheet HTML 6Page - Littelfuse V111HF34 Datasheet HTML 7Page - Littelfuse V111HF34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: July 11, 2010
HB34, HF34 and HG34 Varistor Series
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/hb34.html or /hf34 or /hg34.thml
for current information.
Should transients occur in rapid succession, the
average power dissipation result is simply the energy
(watt-seconds) per pulse times the number of pulses
per second. The power so developed must be within
Specifications Table for the specific device. The operating
values must be derated as shown in above.
Power Dissipation Ratings
100
90
50
10
O1
T
T1
T2
TIME
Peak Pulse Current Test Waveform
Clamping Voltage for HB34, HF34 and HG34 Series
1000
10000
1mA
10mA
100mA
1A
10A
100A 
10000A
100000A
Maximum Clamping Voltage
HB34, HF34, and HG34 series
TA = -55 C to 85C
Current - AMPS
Voltage -
VOLTS
V751
V681
V661
V571
V551
V511
V391
V351 V331 V321
V271
V251 V201 V181
V151
V141
V111
V131
V301
V481
V441
V421
100
1000A
Surge Current Rating Curves for HB34, HF34 and HG34 Series
Hx34
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION (μs)
10
1
INDEFINITE
105
102
2
103
104
106
(at specified current) of more than
+/-10% could result. This type of shift, which normally results in a decrease of V
, may
result in the device not meeting the original published specifications, but it does not
prevent the device from continuing to function, and to provide ample protection.
0
1
T
1 = Rise Time = 1.25 x T
T
2
Example - For an 8/20 μ
8μs = T
1 = Rise Time
20μs = T
2
Figure 1
Figure 2
Figure 3
Figure 4


Similar Part No. - V111HF34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
More results

Similar Description - V111HF34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
HB34 LITTELFUSE-HB34 Datasheet
969Kb / 8P
   The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
   Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com