Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V111HB34 Datasheet(PDF) 6 Page - Littelfuse

Part # V111HB34
Description  Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V111HB34 Datasheet(HTML) 6 Page - Littelfuse

  V111HB34 Datasheet HTML 1Page - Littelfuse V111HB34 Datasheet HTML 2Page - Littelfuse V111HB34 Datasheet HTML 3Page - Littelfuse V111HB34 Datasheet HTML 4Page - Littelfuse V111HB34 Datasheet HTML 5Page - Littelfuse V111HB34 Datasheet HTML 6Page - Littelfuse V111HB34 Datasheet HTML 7Page - Littelfuse V111HB34 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: July 11, 2010
HB34, HF34 and HG34 Varistor Series
Industrial High Energy Terminal Varistors > HB34, HF34 & HG34 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/hb34 or /hf34 or /hg34.html
for current information.
Operating/Storage
Temperature
-55°C to +85°C/-55°C to +125°C
Humidity Aging
+85°C, 85% RH, 1000 hours
+/-10% Voltage
Thermal Shock
+85°C to -40°C 10 times
+/-10% Voltage
Solvent Resistance
Moisture Sensitivity
Lead Material
Tin-plated Copper
Soldering
Characteristics
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
Device Labeling
Physical Specifications
Environmental Specifications
Wave Solder Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Figure 5
Figure 6


Similar Part No. - V111HB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
More results

Similar Description - V111HB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
HB34 LITTELFUSE-HB34 Datasheet
969Kb / 8P
The HB34, HF34, and HG34 Series of transient surge suppressors are industrial high-energy Metal-Oxide Varistors
V131DA40 LITTELFUSE-V131DA40_09 Datasheet
119Kb / 4P
Industrial High Energy Terminal Varistors
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
High Energy Industrial Disc Varistors > CA Series
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
High-Energy Varistors
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com