Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT08A Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD74HCT08A
Description  Quad. 2-input Positive AND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HCT08A Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74HCT08A Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT08A Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HCT08A
2
Pin Arrangement
(Top view)
11
12
13
14 VCC
4B
4A
4Y
3B
3A
1
2
3
4
5
6
7
8
9
10
1A
GND
1B
1Y
2A
2B
2Y
3Y
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
V
CC
–0.5 to 7.0
V
Input diode peak current
I
IK
±20
mA
Output diode peak current
I
OK
±20
mA
Output current
I
O
±25
mA
V
CC, GND current / pin
I
CC or IGND
±50
mA
Storage temperature
Tstg
–65 to 150
°C


Similar Part No. - HD74HCT08A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT00A HITACHI-HD74HCT00A Datasheet
41Kb / 8P
   Quad. 2-input Positive NAND Gates
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results

Similar Description - HD74HCT08A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT00A HITACHI-HD74HCT00A Datasheet
41Kb / 8P
   Quad. 2-input Positive NAND Gates
logo
Renesas Technology Corp
RD74LVC08B RENESAS-RD74LVC08B Datasheet
69Kb / 8P
   Quad. 2-input AND Gates
HD74LV08A RENESAS-HD74LV08A Datasheet
65Kb / 8P
   Quad. 2-input AND Gates
logo
Fairchild Semiconductor
DM74LS08N FAIRCHILD-DM74LS08N Datasheet
59Kb / 5P
   Quad 2-Input AND Gates
logo
Hitachi Semiconductor
HD74HC08 HITACHI-HD74HC08 Datasheet
45Kb / 8P
   Quad. 2-input AND Gates
HD74LVC08 HITACHI-HD74LVC08 Datasheet
35Kb / 7P
   Quad. 2-input AND Gates
logo
Renesas Technology Corp
HD74HC08 RENESAS-HD74HC08 Datasheet
91Kb / 7P
   Quad. 2-input AND Gates
HD74HC08 RENESAS-HD74HC08_15 Datasheet
123Kb / 9P
   Quad. 2-input AND Gates
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B_15 Datasheet
168Kb / 5P
   QUAD 2-INPUT AND GATES
logo
National Semiconductor ...
5408 NSC-5408 Datasheet
92Kb / 4P
   Quad 2-Input AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com