Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT00A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HCT00A
Description  Quad. 2-input Positive NAND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HCT00A Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HCT00A Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74HCT00A
5
Test Circuit
Input VCC
Pulse Generator
Z
= 50
out
VCC
Output
CL
Note: 1. C includes probe and jig capacitance.
L
• Waveform
rf
Note: 1. Input waveform : PRR = 1 MHz, duty cycle 50%, t = 6 ns, t = 6 ns
VOH
3 V
VOL
Input
10 %
0 V
90 %
tr
tf
90 %
1.3 V
1.3 V
1.3 V
1.3 V
10 %
Output
tPHL
tPLH


Similar Part No. - HD74HCT00A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74HCT08A HITACHI-HD74HCT08A Datasheet
40Kb / 8P
Quad. 2-input Positive AND Gates
More results

Similar Description - HD74HCT00A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
Quad 2-Input NAND Gates
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
Quad 2-Input NAND Gates
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
Quad 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A Datasheet
67Kb / 9P
Quad. 2-input NAND Gates
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
Quad. 2-input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com