Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HCT00A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74HCT00A
Description  Quad. 2-input Positive NAND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HCT00A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HCT00A Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT00A Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HCT00A
4
Logic Diagram (1/4 Circuit)
Y
A
B
Electrical Characteristics
Item
Symbol V
CC (V)
Ta = 25
°C
Ta = –40 to 85
°C Unit Test Conditions
Min
Typ
Max
Min
Max
Output voltage
V
OH
4.5
4.40
4.40
V
I
O = –20 µA
4.5
3.98
3.84
I
O = –4 mA
V
OL
4.5
0.10
0.10
I
O = 20 µA
4.5
0.26
0.33
I
O = 4 mA
Input current
I
I
5.5
±0.1
±100 —
±1000 nA
V
I = VCC or GND
Quiescent supply
voltage
I
CC
5.5
2.0
20
µAV
I = VCC or GND,
I
O = 0
Switching Characteristics (C
L = 50 pF)
Item
Symbol V
CC (V)
Ta = 25
°C
Ta = –40 to 85
°C Unit Input
Output
Min
Typ
Max
Min
Max
FROM
TO
Propagation
t
PLH
4.5
11
17
21
ns
A or B
Y
delay time
t
PHL
5.5
10
15
19
Output rise / fall
t
r
4.5
7
15
19
ns
Y
time
t
f
5.5
6
13
16
Input capacitance
C
I
3
10
10
pF
Power dissipation
capacitance
C
PD
20——
pF


Similar Part No. - HD74HCT00A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
HD74HCT08A HITACHI-HD74HCT08A Datasheet
40Kb / 8P
   Quad. 2-input Positive AND Gates
More results

Similar Description - HD74HCT00A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
   Quad 2-Input NAND Gates
logo
National Semiconductor ...
5400 NSC-5400 Datasheet
94Kb / 4P
   Quad 2-Input NAND Gates
logo
Renesas Technology Corp
HD74HC00 RENESAS-HD74HC00 Datasheet
91Kb / 7P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B Datasheet
67Kb / 8P
   Quad 2-input NAND Gates
logo
National Semiconductor ...
DM54L00 NSC-DM54L00 Datasheet
82Kb / 4P
   Quad 2-Input NAND Gates
logo
List of Unclassifed Man...
GD54HC00 ETC1-GD54HC00 Datasheet
294Kb / 4P
   QUAD 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LV00A RENESAS-HD74LV00A Datasheet
67Kb / 9P
   Quad. 2-input NAND Gates
HD74LV00A RENESAS-HD74LV00A_15 Datasheet
91Kb / 11P
   Quad. 2-input NAND Gates
RD74LVC00B RENESAS-RD74LVC00B_15 Datasheet
92Kb / 10P
   Quad. 2-input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com