Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACR-0602-2193 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACR-0602-2193
Description  DUAL BANK LED RAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACR-0602-2193 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACR-0602-2193 Datasheet HTML 1Page - Applied Concepts Inc. ACR-0602-2193 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
397 Route 281
P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com
ACR-0602-2193
PRODUCT DATA SHEET
10/30/12
8.75 DUAL BANK LED RAIL
Dual Bank, 60V at 90mA
GENERAL DESCRIPTION
The ACR-0602-2193 is designed as a replacement for field
replaceable, dual tube, single edge lit 10.4 CCFL displays.
The rail utilizes active fault protection to keep remaining
LEDs functioning, in the event that one or more individual
LEDs should ever fail.
The rail requires a constant current source, in order to
properly drive the LEDs and is compatible for use with the
I-Drive 3.
MECHANICAL / ENVIRONMENTAL
Weight = 4.6g
Altitude = 35,000 ft max.
Humidity < 95% non-condensing
Size (L x W x H) = 8.75 IN x 0.24 IN x 0.065 IN
PCB thickness = 0.030 IN
Input Connector = CON1
RoHS Compliant
INPUT CONNECTOR
CON1
MOLEX 51021-0500
PIN#
FUNCTION
1
+LED (ANODE)
2
NC
3
NC
4
NC
5
-LED (CATHODE)


Similar Part No. - ACR-0602-2193

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0602-1897 ACIPOWER-ACR-0602-1897 Datasheet
334Kb / 2P
   DUAL BANK LED RAIL
More results

Similar Description - ACR-0602-2193

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0842-2435 ACIPOWER-ACR-0842-2435 Datasheet
280Kb / 2P
   DUAL BANK LED RAIL
ACR-0602-1897 ACIPOWER-ACR-0602-1897 Datasheet
334Kb / 2P
   DUAL BANK LED RAIL
ACR-0402-1779 ACIPOWER-ACR-0402-1779 Datasheet
230Kb / 2P
   DUAL BANK LED RAIL
ACR-0782-2282 ACIPOWER-ACR-0782-2282 Datasheet
145Kb / 2P
   DUAL BANK LED RAIL
ACR-0683-2510 ACIPOWER-ACR-0683-2510 Datasheet
282Kb / 2P
   TRI-BANK LED RAIL
ACR-0671-1989 ACIPOWER-ACR-0671-1989 Datasheet
252Kb / 2P
   SINGLE BANK LED RAIL
ACR-0621-1805 ACIPOWER-ACR-0621-1805 Datasheet
254Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1714 ACIPOWER-ACR-0801-1714 Datasheet
121Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1849 ACIPOWER-ACR-0801-1849 Datasheet
256Kb / 2P
   SINGLE BANK LED RAIL
ACR-0834-2324 ACIPOWER-ACR-0834-2324 Datasheet
290Kb / 2P
   QUAD BANK LED RAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com