Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACR-0782-2282 Datasheet(PDF) 2 Page - Applied Concepts Inc.

Part # ACR-0782-2282
Description  DUAL BANK LED RAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACR-0782-2282 Datasheet(HTML) 2 Page - Applied Concepts Inc.

  ACR-0782-2282 Datasheet HTML 1Page - Applied Concepts Inc. ACR-0782-2282 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Tled
Operating temperature of LED edge light (light rail contact)
-40 to +100
Deg-C
Tstg
LED Rail storage temperature
-40 to +100
Deg-C
Ifwd
LED forward current
111
mA
LED OPTICAL CHARACTERISTICS
LED Manufacturer specifications for reference purpose only
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Iv
Luminance Intensity Rank
Ifwd = 110mA
9.0
11
13
cd
X
White X coordinate
0.301
-
Y
White Y coordinate
0.220
-
LED RAIL ELECTRICAL CHARACTERISTICS
Ifwd = 92.5mA (2 Banks per Rail, 1 Rail per Display), Tled = +75Deg-C (LED’s without heat sinking to the display)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vfwd
LED rail forward voltage drop
70
78
96
Vdc
TYPICAL LED RAIL PERFORMANCE GRAPHS
Rail Voltage & Pow er vs. LED drive current
(Ta = +25Deg-C)
0.0
20.0
40.0
60.0
80.0
100.0
0
10
20
30
40
50
LED current (m A)
0.0
5.0
10.0
15.0
20.0
Rail Voltage
Rail Pow er
ACR-0782-2282
PRELIMINARY DATA SHEET – PAGE 2 OF 2
03/27/13
397 Route 281 – P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACR-0782-2282

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0702-1871 ACIPOWER-ACR-0702-1871 Datasheet
121Kb / 2P
   HEX BANK LED RAIL
ACR-0706-2486 ACIPOWER-ACR-0706-2486 Datasheet
282Kb / 2P
   HEX BANK LED RAIL
ACR-0706-2535 ACIPOWER-ACR-0706-2535 Datasheet
282Kb / 2P
   HEX BANK LED RAIL
More results

Similar Description - ACR-0782-2282

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0842-2435 ACIPOWER-ACR-0842-2435 Datasheet
280Kb / 2P
   DUAL BANK LED RAIL
ACR-0602-1897 ACIPOWER-ACR-0602-1897 Datasheet
334Kb / 2P
   DUAL BANK LED RAIL
ACR-0402-1779 ACIPOWER-ACR-0402-1779 Datasheet
230Kb / 2P
   DUAL BANK LED RAIL
ACR-0602-2193 ACIPOWER-ACR-0602-2193 Datasheet
257Kb / 2P
   DUAL BANK LED RAIL
ACR-0683-2510 ACIPOWER-ACR-0683-2510 Datasheet
282Kb / 2P
   TRI-BANK LED RAIL
ACR-0671-1989 ACIPOWER-ACR-0671-1989 Datasheet
252Kb / 2P
   SINGLE BANK LED RAIL
ACR-0621-1805 ACIPOWER-ACR-0621-1805 Datasheet
254Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1714 ACIPOWER-ACR-0801-1714 Datasheet
121Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1849 ACIPOWER-ACR-0801-1849 Datasheet
256Kb / 2P
   SINGLE BANK LED RAIL
ACR-0834-2324 ACIPOWER-ACR-0834-2324 Datasheet
290Kb / 2P
   QUAD BANK LED RAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com