Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACR-0782-2282 Datasheet(PDF) 1 Page - Applied Concepts Inc.

Part # ACR-0782-2282
Description  DUAL BANK LED RAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACR-0782-2282 Datasheet(HTML) 1 Page - Applied Concepts Inc.

  ACR-0782-2282 Datasheet HTML 1Page - Applied Concepts Inc. ACR-0782-2282 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
13.800” DUAL BANK LED RAIL
(Dual Bank, 78V @ 92.5mA)
GENERAL DESCRIPTION
MECHANICAL / ENVIRONMENTAL
ACR-0782-2282
PRELIMINARY DATA SHEET – PAGE 1 OF 2
03/27/13
The ACR-0782-2282 is designed as a replacement for single
edge lit 17.0” displays.
The rail requires the use of a constant current source to
properly drive the LED’s.
The LED rail is compatible with any of ACI’s I-Drive series
of LED Drivers.
Weight = 7 grams
Altitude = 35,000 Ft maximum
Humidity < 95% non-condensing
Size (L x W x H) = 13.800 IN x 0.140 IN x 0.072 IN
PCB thickness = 0.032 IN
RoHS compliant
397 Route 281 – P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACR-0782-2282

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0702-1871 ACIPOWER-ACR-0702-1871 Datasheet
121Kb / 2P
   HEX BANK LED RAIL
ACR-0706-2486 ACIPOWER-ACR-0706-2486 Datasheet
282Kb / 2P
   HEX BANK LED RAIL
ACR-0706-2535 ACIPOWER-ACR-0706-2535 Datasheet
282Kb / 2P
   HEX BANK LED RAIL
More results

Similar Description - ACR-0782-2282

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0842-2435 ACIPOWER-ACR-0842-2435 Datasheet
280Kb / 2P
   DUAL BANK LED RAIL
ACR-0602-1897 ACIPOWER-ACR-0602-1897 Datasheet
334Kb / 2P
   DUAL BANK LED RAIL
ACR-0402-1779 ACIPOWER-ACR-0402-1779 Datasheet
230Kb / 2P
   DUAL BANK LED RAIL
ACR-0602-2193 ACIPOWER-ACR-0602-2193 Datasheet
257Kb / 2P
   DUAL BANK LED RAIL
ACR-0683-2510 ACIPOWER-ACR-0683-2510 Datasheet
282Kb / 2P
   TRI-BANK LED RAIL
ACR-0671-1989 ACIPOWER-ACR-0671-1989 Datasheet
252Kb / 2P
   SINGLE BANK LED RAIL
ACR-0621-1805 ACIPOWER-ACR-0621-1805 Datasheet
254Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1714 ACIPOWER-ACR-0801-1714 Datasheet
121Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1849 ACIPOWER-ACR-0801-1849 Datasheet
256Kb / 2P
   SINGLE BANK LED RAIL
ACR-0834-2324 ACIPOWER-ACR-0834-2324 Datasheet
290Kb / 2P
   QUAD BANK LED RAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com