Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFEC15W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # UFEC15W
Description  DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFEC15W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  UFEC15W_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFEC15W_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFEC15W_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFEC15W_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.PDUKE.com
2014/6/5
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Without derating
With derating
-40
+83
+83
+93
Storage temperature range
-40
+105
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI
EN55022
Class B
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10V/m
Perf. Criteria A
Fast transient
EN61000-4-4
± 2kV
Perf. Criteria A
Surge
EN61000-4-5
± 0.5kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10Vr.m.s
Perf. Criteria A
Note:
1.
Test by minimum input and constant resistive load.
CHARACTERISTIC CURVE
UFEC15-48S05W Derating Curve
UFEC15-48S05W Efficiency vs. Input Voltage
UFEC15-48S05W Efficiency vs. Output Load


Similar Part No. - UFEC15W_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFEC30-12D12 P-DUKE-UFEC30-12D12 Datasheet
528Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-12D15 P-DUKE-UFEC30-12D15 Datasheet
528Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-12S05 P-DUKE-UFEC30-12S05 Datasheet
528Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-12S12 P-DUKE-UFEC30-12S12 Datasheet
528Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFEC30-12S15 P-DUKE-UFEC30-12S15 Datasheet
528Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFEC15W_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com