Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEC60 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DFEC60
Description  DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC60 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DFEC60_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC60_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC60_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/4/30
DFEC60 SERIES
CHASSIS-MOUNT DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 60 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
RELIABLE SNAP-ON FOR DIN RAIL TS-35/7.5 OR TS-35/15
CASE PROTECTION MEET IP20(IEC60529)
INTERNAL OUTPUT DC-OK INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
COMMUNICATION SYSTEM
INDUSTRY CONTROL SYSTEM
FACTORY AUTOMATIC EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
A
mA
%
µ
F
DFEC60-24S3P3
18 ~ 36
3.3
14
104
87
36000
DFEC60-24S05
18 ~ 36
5
12
134
88
20400
DFEC60-24S12
18 ~ 36
12
5
59
88
3550
DFEC60-24S15
18 ~ 36
15
4
74
88
2300
DFEC60-24S24
18 ~ 36
24
2.5
76
87
885
DFEC60-48S3P3
36 ~ 75
3.3
14
102
87
36000
DFEC60-48S05
36 ~ 75
5
12
94
88
20400
DFEC60-48S12
36 ~ 75
12
5
37
88
3550
DFEC60-48S15
36 ~ 75
15
4
42
88
2300
DFEC60-48S24
36 ~ 75
24
2.5
45
87
885
PART NUMBER STRUCTURE
DFEC60 -
48
S
05
-
N
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Remote Control
Option
(VDC)
(VDC)
24:
48:
18~36
36~75
S: Single
3P3:
05:
12:
15:
24:
3.3
5
12
15
24
:
N:
Positive logic
Negative logic


Similar Part No. - DFEC60_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12D12 P-DUKE-DFEC30-12D12 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12D15 P-DUKE-DFEC30-12D15 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12S05 P-DUKE-DFEC30-12S05 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30-12S12 P-DUKE-DFEC30-12S12 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
More results

Similar Description - DFEC60_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com