Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFEC30-12S12 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # DFEC30-12S12
Description  DIN RAIL DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

DFEC30-12S12 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  DFEC30-12S12 Datasheet HTML 1Page - Power Mate Technology Co., LTD DFEC30-12S12 Datasheet HTML 2Page - Power Mate Technology Co., LTD DFEC30-12S12 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www.PDUKE.com
2014/4/30
DFEC30 SERIES
DIN RAIL DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 30 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
RELIABLE SNAP-ON FOR DIN RAIL TS-35/7.5 OR TS-35/15
CASE PROTECTION MEET IP20(IEC60529)
INTERNAL OUTPUT DC-OK INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
COMMUNICATION SYSTEM
INDUSTRY CONTROL SYSTEM
FACTORY AUTOMATIC EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
A
mA
%
µ
F
DFEC30-12S3P3
9.5 ~ 18
3.3
6
119
83
19500
DFEC30-12S05
9.5 ~ 18
5
6
100
85
10200
DFEC30-12S12
9.5 ~ 18
12
2.5
178
86
3240
DFEC30-12S15
9.5 ~ 18
15
2
220
86
1100
DFEC30-12S24
9.5 ~ 18
24
1.25
74
85
510
DFEC30-12S28
9.5 ~ 18
28
1
56
85
340
DFEC30-12D12
9.5 ~ 18
±12
±1.25
68
85
±1020
DFEC30-12D15
9.5 ~ 18
±15
±1
50
85
±675
DFEC30-24S3P3
18 ~ 36
3.3
6
52
84
19500
DFEC30-24S05
18 ~ 36
5
6
52
86
10200
DFEC30-24S12
18 ~ 36
12
2.5
84
87
3300
DFEC30-24S15
18 ~ 36
15
2
95
87
1100
DFEC30-24S24
18 ~ 36
24
1.25
38
86
510
DFEC30-24S28
18 ~ 36
28
1
39
86
340
DFEC30-24D12
18 ~ 36
±12
±1.25
34
86
±1020
DFEC30-24D15
18 ~ 36
±15
±1
35
86
±675
DFEC30-48S3P3
36 ~ 75
3.3
6
32
85
19500
DFEC30-48S05
36 ~ 75
5
6
37
87
10200
DFEC30-48S12
36 ~ 75
12
2.5
38
88
3300
DFEC30-48S15
36 ~ 75
15
2
58
88
1100
DFEC30-48S24
36 ~ 75
24
1.25
29
86
510
DFEC30-48S28
36 ~ 75
28
1
29
86
340
DFEC30-48D12
36 ~ 75
±12
±1.25
23
86
±1020
DFEC30-48D15
36 ~ 75
±15
±1
23
86
±675
PART NUMBER STRUCTURE
DFEC30 -
48
S
05
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
(VDC)
(VDC)
S: Single
3P3:
05:
12:
15:
24:
28:
3.3
5
12
15
24
28
12:
24:
48:
9.5~18
18~36
36~75
D: Dual
12:
15:
±12
±15


Similar Part No. - DFEC30-12S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC30-24D12W P-DUKE-DFEC30-24D12W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24D15W P-DUKE-DFEC30-24D15W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24S05W P-DUKE-DFEC30-24S05W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24S12W P-DUKE-DFEC30-24S12W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30-24S15W P-DUKE-DFEC30-24S15W Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - DFEC30-12S12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Bel Fuse Inc.
LDD3 BEL-LDD3 Datasheet
585Kb / 3P
   3W DIN Rail DC-DC Converter
logo
Mean Well Enterprises C...
DDR-15 MEANWELL-DDR-15 Datasheet
598Kb / 5P
   15W DIN Rail Type DC-DC Converter
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
   30W DIN Rail Type DC-DC Converter
DDR-480 MEANWELL-DDR-480 Datasheet
286Kb / 9P
   480W DIN Rail Type DC-DC Converter
DDR-240 MEANWELL-DDR-240 Datasheet
4Mb / 9P
   240W DIN Rail Type DC-DC Converter
DDR-60 MEANWELL-DDR-60 Datasheet
129Kb / 4P
   60W DIN Rail Type DC-DC Converter
DDR-120 MEANWELL-DDR-120 Datasheet
5Mb / 10P
   120W DIN Rail Rype DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com