Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04-SRM16CTTR Datasheet(PDF) 1 Page - E-SWITCH

Part # 04-SRM16CTTR
Description  Gold Over Nickel Plating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

04-SRM16CTTR Datasheet(HTML) 1 Page - E-SWITCH

  04-SRM16CTTR Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB LAYOUT
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
SRM-16CTTR
6/30/2014
04-SRM16CTTR
A
EBP
1
1
C
8
6
1
2
1
4
2
0
1
13
14
B
12
11
15
7
5
4
3
3
2
0
5
4
6
7
8
9
10
A
9
8
C
D
E
F
COMPLEMENT CODE
2
1
8
C
4
8
C
4
2
1
A
21496
RELEASE TO PRODUCTION
6/30/14
EBP
10.00
[.394 in]
10.00
[.394 in]
NOTES:
1. ALL DIMESNIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERMINAL NUMBERS FOR REFERENCE ONLY
4. OPERATING TORQUE: 400gf-cm MAX.
5. CONTACT RATING: 100mA, 5V DC (SWITCHING)
100mA 50V DC (NON-SWITCHING)
6. CONTACT RESISTANCE: 100mW
W
W
W MAX.
7. INSULATION RESISTANCE: 100MW
W
W
W MIN @ 250VDC
8. DIELECTRIC STRENGTH: 250VAC 1 MIN.
9. LIFE: 10,000 STEPS
10. OPERATING TEMPERATURE: -10~C TO 60~C
11. STORAGE TEMPERATURE: -40~C TO 85~C
12. PACKAGING: 1000 PCS REEL
13.
DENOTES CRITICAL PARAMETER
14. 2011/65/EU (ROHS) COMPLIANT
15. CONTACT AND TERMINAL PLATING: GOLD
n4.00
[.157 in]
13.80
[.543 in]
.20
[.008 in]
1.2
[.05 in]
4.10
[.161 in]
4.90
[.193 in]
.20 `.10
.008 `.004 in
[
]
5.08
[.200 in]
2.54
[.100 in]
5.08
[.200 in]
10.00
[.394 in]
15.40
[.606 in]
1.00
[.039 in]
TAPE
.50
[.020 in]


Similar Part No. - 04-SRM16CTTR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
04-SRM16TTR E-SWITCH-04-SRM16TTR Datasheet
85Kb / 1P
Gold Over Nickel Plating
More results

Similar Description - 04-SRM16CTTR

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
06-DR3M16RTR E-SWITCH-06-DR3M16RTR Datasheet
72Kb / 1P
Gold Over Nickel Plating
06-DR75AMP10RB E-SWITCH-06-DR75AMP10RB Datasheet
68Kb / 1P
Gold Over Nickel Plating
06-DR410RB E-SWITCH-06-DR410RB Datasheet
66Kb / 1P
Gold Over Nickel Plating
06-DR3A10RB E-SWITCH-06-DR3A10RB Datasheet
67Kb / 1P
Gold Over Nickel Plating
06-DR4AH10RB E-SWITCH-06-DR4AH10RB Datasheet
67Kb / 1P
Gold Over Nickel Plating
06-DR3MS10RTR E-SWITCH-06-DR3MS10RTR Datasheet
68Kb / 1P
Gold Over Nickel Plating
04-SRK16HC E-SWITCH-04-SRK16HC Datasheet
88Kb / 1P
Gold Over Nickel Plating
04-SRJ16 E-SWITCH-04-SRJ16 Datasheet
88Kb / 1P
Gold Over Nickel Plating
06-DR316RB E-SWITCH-06-DR316RB Datasheet
67Kb / 1P
Gold Over Nickel Plating
06-DR4M10RTR E-SWITCH-06-DR4M10RTR Datasheet
66Kb / 1P
Gold Over Nickel Plating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com