Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSXXXNE1E1S Datasheet(PDF) 1 Page - OptoSupply International

Part # OSXXXNE1E1S
Description  Xeon 1 Power LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSXXXNE1E1S Datasheet(HTML) 1 Page - OptoSupply International

  OSXXXNE1E1S Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Xeon 1 Power LED
OSXXXNE1E1S
VER C.2
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
Bollards / Security / Garden
Traffic signaling / Beacons
ZH
ON
GZ
HO
U
OP
TO
Unit:mm
Tolerances are for reference only
Absolute Maximum Rating
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
(Ta=25℃)
Directivity
Value
Item
Symbo
l
W/M/B/G
R/Y
Unit
DC Forward Current
IF
400
400
mA
Pulse Forward Current*
IFP
500
500
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
1600
1200
mW
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +85
Lead Soldering Temperature
Tsol
260
/5sec
-
0
0
*Pulse width Max 0.1ms, Duty ratio max 1/10
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
VF (V)
IR(µA)
Φv(lm)*
λD(nm)*
2θ1/2(deg)
Min.
Typ.
Max.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Part Number
Color
IF=350mA
VR=5V
IF=350mA
OSW4XNE1E1S
White
W
3.0
3.3
4.0
10
110
120
-
6500K
140
OSM5XNE1E1S
Warm White
M
3.0
3.3
4.0
10
100
110
3000K
140
OSB4XNE1E1S
Blue
B
3.0
3.3
4.0
10
15
20
-
455
460
465
140
OSG5XNE1E1S
Pure Green
G
3.0
3.3
4.0
10
80
90
-
520
525
530
140
OSY5XNE1E1S
Yellow
Y
2.0
2.3
3.0
10
40
50
-
585
590
595
140
OSR5XNE1E1S
Red
R
2.0
2.3
3.0
10
40
50
-
620
625
630
140
Note: *1. Tolerance of chromaticity coordinates is
±10%
*2. Dominant wavelength tolerance: ±1nm
*3. Tolerance of luminous Flux is
±15%
LED & Application Technologies


Similar Part No. - OSXXXNE1E1S

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSXXX2E5D1E OPTOSUPPLY-OSXXX2E5D1E Datasheet
177Kb / 2P
Xeon 5 Power White LED
OSXXX2E5D1E_VER.C.2 OPTOSUPPLY-OSXXX2E5D1E_VER.C.2 Datasheet
174Kb / 2P
xeon 5 power white led
OSXXX2E5E1E OPTOSUPPLY-OSXXX2E5E1E Datasheet
172Kb / 2P
Xeon 5 Power White LED
OSXXX2E5E1E_VER.C.2 OPTOSUPPLY-OSXXX2E5E1E_VER.C.2 Datasheet
169Kb / 2P
xeon 5 power white led
OSXXX387E1U OPTOSUPPLY-OSXXX387E1U Datasheet
117Kb / 1P
premium power 8mm straw 3 in 1 led
More results

Similar Description - OSXXXNE1E1S

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cyan LED
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
Xeon 1 Power Red LED
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED
OSY5XME1C1E OPTOSUPPLY-OSY5XME1C1E Datasheet
164Kb / 1P
Xeon 1 Power Yellow LED
OSR5XME1C1E OPTOSUPPLY-OSR5XME1C1E_11 Datasheet
150Kb / 2P
Xeon 1 Power Red LED
OSW4XME1E1E_1110 OPTOSUPPLY-OSW4XME1E1E_1110 Datasheet
217Kb / 2P
Xeon 1 Power PureWhite LED
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S_11 Datasheet
119Kb / 1P
Xeon 1 Power LED
OSPR3XR1-R5XME1C1E OPTOSUPPLY-OSPR3XR1-R5XME1C1E Datasheet
46Kb / 2P
3PCS Xeon 1 Power LED
OSB4XNE1E1E OPTOSUPPLY-OSB4XNE1E1E Datasheet
152Kb / 2P
Xeon 1 Power Bllue LED
OSR5XNE1E1E_VER.C.2 OPTOSUPPLY-OSR5XNE1E1E_VER.C.2 Datasheet
138Kb / 2P
xeon 1 power red led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com