Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI1500LCDT Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # OMNI1500LCDT
Description  OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

OMNI1500LCDT Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  OMNI1500LCDT Datasheet HTML 1Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 2Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 3Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 4Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 5Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LCD display continuously reports operating mode and battery charge level, plus additional UPS and site power data, such as input & output voltage,
frequency, load percentage, load watts, battery voltage and estimated runtime in minutes
USB monitoring port enables optional unattended system shutdown using PowerAlert UPS management software available via free download from
www.tripplite.com
HID-compliant USB interface also enables automatic integration with built-in power management and auto shutdown features of Windows and Mac OSX
Built-in data line surge suppression offers protection for equipment with single-line dialup or network ethernet connection, plus one set of coax jacks for
CATV / broadcast line protection
Optional PDUB15 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA Capacity (kVA)
1.5
Output Watt Capacity (Watts)
810
Nominal Output Voltage(s)
Supported
120V
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-10%, +6%
Output Voltage Regulation (Battery
Mode)
+/- 5%
UPS Output Receptacles
10 5-15R outlet(s)
UPS Output Receptacles (Surge
Suppression Only)
5 UPS outlets, 5 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
Input Circuit Breakers
15A
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
2 / 5


Similar Part No. - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
More results

Similar Description - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
OmniSmart 500VA Tower Line-Interactive 120V UPS
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNI1000ISO TRUMPOWER-OMNI1000ISO Datasheet
493Kb / 5P
OmniSmart 1000VA Tower Line-Interactive 120V
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
OmniSmart 300VA Tower Line-Interactive 120V UPS
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
OMNI700LCD TRIPPLITE-OMNI700LCD_15 Datasheet
527Kb / 5P
OmniSmart LCD 120V 700VA 420W Line-Interactive UPS, Tower, LCD display, USB port
OMNI900LCD TRIPPLITE-OMNI900LCD_15 Datasheet
506Kb / 5P
OmniSmart LCD 120V 900VA 475W Line-Interactive UPS, Tower, LCD display, USB port
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com