Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI1500LCDT Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # OMNI1500LCDT
Description  OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

OMNI1500LCDT Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  OMNI1500LCDT Datasheet HTML 1Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 2Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 3Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 4Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 5Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OmniSmart LCD 1500VA Tower Line-Interactive
120V UPS with LCD display and USB port
MODEL NUMBER: OMNI1500LCDT
Description
Tripp Lite's OMNI1500LCDT Line-Interactive Tower UPS System offers voltage regulation, surge suppression
and long-lasting battery support for personal computers, network workstations, home entertainment systems and media centers. Internal UPS circuits support
entry-level PCs or individual VCR/DVR components during power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component
programming. Automatic Voltage Regulation (AVR) circuits continuously regulate brownouts and overvoltages from 92V to 150V back to usable levels, all while
maintaining a full battery charge. Offers complete power protection in an attractive all-black cabinet design. Includes 10 built-in outlets, 5 with full battery
backup and surge suppression for vital system components and another 5 with surge-suppression only for accessories not requiring battery support. Built-in
USB port and included cable enables optional unattended system shutdown without data loss in case of extended power failure. PowerAlert software is
available via free download from www.tripplite.com. HID-compliant USB interface also enables integration with built-in power management and auto shutdown
features of Windows and Mac OS X. Built-in surge dataline surge suppression jacks protect equipment with single-line dialup/DSL or network Ethernet
connection. Built-in audible alarm and large LCD front panel display offers easy to read icon-based status indicators and detailed numeric data regarding input
voltage, output voltage, frequency, load percentage, load watts, battery voltage and runtime in minutes. 1500VA/810W power-handling capacity supports
entry-level PCs, home entertainment systems, network workstations and audio/video components.
Features
OMNI1500LCDT line interactive UPS offers network-grade voltage regulation, surge suppression and long lasting battery support
10 built-in NEMA 5-15R outlets, 5 with UPS and surge suppression for vital components and 5 additional outlets with surge-only protection for devices not
requiring battery support
NEMA 5-15P input plug; 6ft / 1.8m line cord
Maintains operation of connected equipment to prevent data loss, equipment damage and downtime associated with power failures and severe voltage
fluctuations
Line Interactive Automatic Voltage Regulation / AVR circuits continuously correct brownouts and overvoltages from 92 to 150V without using battery
power
Network-grade AC surge suppression protects equipment from damage and performance problems resulting from transient surges
Offers 7.5 minutes runtime 50% load (405 watts)
Supports an entry level desktop system with LCD screen for up to 55 minutes during power failures (75 watts)
LCD display continuously reports operating mode and battery charge level, plus additional UPS and site power data, such as input & output voltage,
Highlights
1500VA / 1.5kVA tower 120V line
interactive UPS with LCD display
Maintains battery derived AC
output during power failures
Corrects brownouts and
overvoltages from 92-150V
LCD interface offers detailed
UPS status and site power
information
USB interface, TEL/DSL/ethernet
and coax line surge suppression
NEMA 5-15P input plug and 10
NEMA 5-15R outlets
Package Includes
OMNI1500LCDT UPS
USB cabling
Manual with warranty information
1 / 5


Similar Part No. - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
More results

Similar Description - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
   OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
   OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
OMNI700LCD TRIPPLITE-OMNI700LCD_15 Datasheet
527Kb / 5P
   OmniSmart LCD 120V 700VA 420W Line-Interactive UPS, Tower, LCD display, USB port
OMNI900LCD TRIPPLITE-OMNI900LCD_15 Datasheet
506Kb / 5P
   OmniSmart LCD 120V 900VA 475W Line-Interactive UPS, Tower, LCD display, USB port
logo
Tumbler Technologies + ...
OMNI1000ISO TRUMPOWER-OMNI1000ISO Datasheet
493Kb / 5P
   OmniSmart 1000VA Tower Line-Interactive 120V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com