Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI1500LCDT Datasheet(PDF) 4 Page - Tumbler Technologies + TRUMPower

Part # OMNI1500LCDT
Description  OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

OMNI1500LCDT Datasheet(HTML) 4 Page - Tumbler Technologies + TRUMPower

  OMNI1500LCDT Datasheet HTML 1Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 2Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 3Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 4Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 5Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UPS Shipping Dimensions (hwd /
cm)
22.9 x 28.6 x 48.9
Shipping Weight (lbs.)
26.8
Shipping Weight (kg)
12.2
Cooling Method
Fan
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC Mode Efficiency Rating (100%
Load)
95%
COMMUNICATIONS
Communications Interface
USB (HID enabled)
Network Monitoring Port Description
Supports detailed monitoring of UPS and site power conditions
PowerAlert Software
Free download from www.tripplite.com
Communications Cable
USB cabling included
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
Transfer Time
2 milliseconds (AC to battery mode), 6 milliseconds (battery to AC mode)
Low Voltage Transfer to Battery
Power (Setpoint)
92
High Voltage Transfer to Battery
Power (Setpoint)
150
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
hot-swap batteries
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
4 / 5


Similar Part No. - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
More results

Similar Description - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
OmniSmart 500VA Tower Line-Interactive 120V UPS
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNI1000ISO TRUMPOWER-OMNI1000ISO Datasheet
493Kb / 5P
OmniSmart 1000VA Tower Line-Interactive 120V
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
OmniSmart 300VA Tower Line-Interactive 120V UPS
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
OMNI700LCD TRIPPLITE-OMNI700LCD_15 Datasheet
527Kb / 5P
OmniSmart LCD 120V 700VA 420W Line-Interactive UPS, Tower, LCD display, USB port
OMNI900LCD TRIPPLITE-OMNI900LCD_15 Datasheet
506Kb / 5P
OmniSmart LCD 120V 900VA 475W Line-Interactive UPS, Tower, LCD display, USB port
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com