Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMNI1500LCDT Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # OMNI1500LCDT
Description  OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

OMNI1500LCDT Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  OMNI1500LCDT Datasheet HTML 1Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 2Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 3Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 4Page - Tumbler Technologies + TRUMPower OMNI1500LCDT Datasheet HTML 5Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BATTERY
Half Load Runtime (min.)
7.5 minutes (405 watts)
DC System Voltage (VDC)
24
Battery Recharge Rate (Included
Batteries)
Less than 8 hours from 10% to 90%
Internal UPS Replacement Battery
Cartridge
RBC51 (requires 2)
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 92 to 150
Overvoltage Correction
Input voltages between 129 and 147 are reduced by 15%
Undervoltage Correction
Input voltages between 92 and 108 are boosted by 18%
LEDS ALARMS & SWITCHES
Front Panel LCD Display
LCD screen with scroll buttons indicates Input voltage, Output voltage, Frequency (Hz), AVR boost / cut status,
Output load in watts, Output load percentage, Output load in watts, Battery voltage and Estimated runtime in
minutes
Audible Alarm
Audible alarm indicates power-failure and low-battery conditions
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Switches
Power switch offers whole UPS power control; Scroll/mute button enables LCD selection options and silences
audible alarm; Test button initiates self test
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
650
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet; Coax jacks (1 set)
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Installation Form Factors Supported
with Included Accessories
Tower
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
8 x 5.75 x 15.4
UPS Power Module Dimensions
(hwd, cm)
20.3 x 14.6 x 39.1
UPS Power Module Weight (lbs.)
26.8
UPS Power Module Weight (kg)
12.2
UPS Shipping Dimensions (hwd / in.)
9 x 11.25 x 19.25
3 / 5


Similar Part No. - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
More results

Similar Description - OMNI1500LCDT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
OMNI500ISO TRIPPLITE-OMNI500ISO Datasheet
496Kb / 5P
   OmniSmart 500VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART300PNP TRUMPOWER-OMNISMART300PNP Datasheet
489Kb / 5P
   OmniSmart 300VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
OMNI750ISO TRIPPLITE-OMNI750ISO Datasheet
498Kb / 5P
   OmniSmart 750VA Tower Line-Interactive 120V UPS
logo
Tumbler Technologies + ...
OMNISMART700 TRUMPOWER-OMNISMART700 Datasheet
491Kb / 5P
   OmniSmart 700VA Tower Line-Interactive 120V UPS
logo
Tripp Lite. All Rights ...
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
OMNI650LCD TRIPPLITE-OMNI650LCD_15 Datasheet
503Kb / 5P
   OmniSmart LCD 120V 650VA 350W Line-Interactive UPS, Tower, LCD display, USB port
OMNI700LCD TRIPPLITE-OMNI700LCD_15 Datasheet
527Kb / 5P
   OmniSmart LCD 120V 700VA 420W Line-Interactive UPS, Tower, LCD display, USB port
OMNI900LCD TRIPPLITE-OMNI900LCD_15 Datasheet
506Kb / 5P
   OmniSmart LCD 120V 900VA 475W Line-Interactive UPS, Tower, LCD display, USB port
logo
Tumbler Technologies + ...
OMNI1000ISO TRUMPOWER-OMNI1000ISO Datasheet
493Kb / 5P
   OmniSmart 1000VA Tower Line-Interactive 120V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com