Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP120 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # TIP120
Description  NPN SILICON POWER DARLINGTONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIP120 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  TIP120 Datasheet HTML 1Page - Bourns Electronic Solutions TIP120 Datasheet HTML 2Page - Bourns Electronic Solutions TIP120 Datasheet HTML 3Page - Bourns Electronic Solutions TIP120 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TIP120, TIP121, TIP122
NPN SILICON POWER DARLINGTONS
4
PRODU CT
INFORMA TION
DECEMBER 1971 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·1
1·0
10
100
SAS120AA
TIP120
TIP121
TIP122
DC Operation
t
p = 300 µs,
d = 0.1 = 10%
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
255075
100
125
150
0
10
20
30
40
50
60
70
80
TIS120AA
OBSOLET
E


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIP120 FAIRCHILD-TIP120 Datasheet
168Kb / 5P
   NPN Epitaxial Darlington Transistor
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Nanjing International G...
TIP120 DGNJDZ-TIP120 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
TIP120 DIOTEC-TIP120 Datasheet
110Kb / 2P
   Si-Epitaxial Planar Darlington Power Transistors
logo
Weitron Technology
TIP120 WEITRON-TIP120 Datasheet
768Kb / 3P
   PNP/NPN Silicon Power Transistor
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
   NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
   NPN SILICON POWER DARLINGTONS
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
   NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW53 BOURNS-BDW53 Datasheet
110Kb / 5P
   NPN SILICON POWER DARLINGTONS
BDT61 BOURNS-BDT61 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDV65 NJSEMI-BDV65 Datasheet
89Kb / 2P
   NPN SILICON POWER DARLINGTONS
logo
Micro Commercial Compon...
BDX33 MCC-BDX33 Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com