Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSTCWBTHC1S Datasheet(PDF) 1 Page - OptoSupply International

Part # OSTCWBTHC1S
Description  Tops H Power Pure Green &Red & Bllue Sttar LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSTCWBTHC1S Datasheet(HTML) 1 Page - OptoSupply International

  OSTCWBTHC1S Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tops H Power P
Pu
ur
re
e G
Gr
re
ee
en
n &
&R
Re
ed
d &
& B
Bllu
ue
e S
Stta
ar
r L
LE
ED
D
OSTCWBTHC1S
VER.A.1
Features
Outline Dimension
Highest Luminous Flux
Super Energy Efficiency
Long Lifetime Operation
Superior ESD protection
Superior UV Resistance
Water Clear Type
Applications
Mobile Phone Flash
Automotive Interior/Exterior Lighting / Signal Lighting
Architectural Lighting
LCD TV / Monitor Backlight
Projector Light Source / Traffic Signals / Task Lighting
Decorative / Pathway Lighting / Household Applications
Unit:mm
Tolerance:±0.30mm
+
-
-
+
6
5
4
3
2
1
G
R
B
6
5
4
3
2
1
Absolute Maximum Rating
(Ta=25
℃))))
Directivity
Value
Item
Symbol
Red
Green/Blue
Unit
DC Forward Current
IF
200
200
mA
Pulse Forward Current*
IFP
250
250
mA
Reverse Voltage
VR
5
5
V
Power Dissipation
PD
600
800
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40 ~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
℃))))
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
VF (R)
IF=150mA
2.0
2.5
3.0
V
DC Forward Voltage
VF (B/G)
IF=150mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
λ
D(Red)
IF=150mA
619
624
629
nm
λ
D(Green)
IF=150mA
520
525
535
nm
Domi. Wavelength
λ
D(Blue)
IF=150mA
455
460
465
nm
Φv (Red)
IF=150mA
16
22
-
lm
Φv (Green)
IF=150mA
27
35
-
lm
Luminous Flux
Φv (Blue)
IF=150mA
6
12
-
lm
50% Power Angle
1/2
IF=150mA
-
120
-
deg
Note: 1.Don’t drive at rated current more than 5s without heat sink for Tops H Power emitter series.
*2 Dominant wavelength Measurement allowance is +1nm
*3 Luminous intensity Measurement allowance is +15%
LED & Application Technologies


Similar Part No. - OSTCWBTHC1S

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTCWBTHC1S_VER.A.1 OPTOSUPPLY-OSTCWBTHC1S_VER.A.1 Datasheet
114Kb / 1P
tops h power pure green &red blue star led
More results

Similar Description - OSTCWBTHC1S

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XAT3C1E OPTOSUPPLY-OSB5XAT3C1E Datasheet
98Kb / 1P
5x5x1..3mm Tops 3 Power Bllue LED
OSTCXBC1C1E OPTOSUPPLY-OSTCXBC1C1E Datasheet
92Kb / 1P
9.2x8x1.92mm Commercial 1 Power Pure Green &Red & Bllue LED
OSTCXBTHC1E OPTOSUPPLY-OSTCXBTHC1E Datasheet
95Kb / 1P
5x5x1.3mmTops H Power Pure Green &Red & Bllue LED
OSTCXBTHC1S OPTOSUPPLY-OSTCXBTHC1S Datasheet
111Kb / 1P
Tops H Power Pure Green &Red & Blue LED
OSTCWBTHC1E OPTOSUPPLY-OSTCWBTHC1E Datasheet
125Kb / 1P
5x5x1.3mmTops H Power Pure Green &Red & Bllue LED
OSTCXBEAC1S OPTOSUPPLY-OSTCXBEAC1S Datasheet
112Kb / 1P
Xeon 1 Power Pure Green &Red & Bllue Sttar LED
OSTCXBSGC1E OPTOSUPPLY-OSTCXBSGC1E Datasheet
120Kb / 1P
5x5x1.3mmTops Power Pure Green &Red & Bllue LED
OSTCWBTHC1E_VER.A.1 OPTOSUPPLY-OSTCWBTHC1E_VER.A.1 Datasheet
125Kb / 1P
5x5x1.3mm tops h power pure green & red &blue led
OSTCWBTHC1S_VER.A.1 OPTOSUPPLY-OSTCWBTHC1S_VER.A.1 Datasheet
114Kb / 1P
tops h power pure green &red blue star led
OSTCXBSGC1EVER.1 OPTOSUPPLY-OSTCXBSGC1EVER.1 Datasheet
120Kb / 1P
5x5x1.3mm tops h power pure green & red &blue led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com