Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16WX-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS16WX-TP
Description  Complete Discrete Semiconductor Solutions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16WX-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16WX-TP Datasheet HTML 1Page - Micro Commercial Components BAS16WX-TP Datasheet HTML 2Page - Micro Commercial Components BAS16WX-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Catalog > Diodes > Switching Diodes >
Part Number
BAS16WX
product family
SWITCHING DIODES
package type
SOD-323
VRM(PRV)
75V
Ifsm
1A
IF(AV)
200mA
@Vf
1.25V
@If
150mA
Trr
6.0nS
IR
1.0µA
@VR
75V
Package Qty
Tape : 3K/Reel , 120K/Ctn;
This product is listed under the following categories where you may find similar products:
Diodes
Switching Diodes


Similar Part No. - BAS16WX-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
   High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16WX CHENYI-BAS16WX Datasheet
59Kb / 2P
   High Speed Switching Diode 350mW
logo
Micro Commercial Compon...
BAS16WX MCC-BAS16WX Datasheet
212Kb / 3P
   High Speed Switching Diode 350mW
logo
Jiangsu Changjiang Elec...
BAS16WX JIANGSU-BAS16WX Datasheet
720Kb / 4P
   HIGH-SPEED SWITCHING DIODE
logo
Nanjing International G...
BAS16WX DGNJDZ-BAS16WX Datasheet
1Mb / 4P
   SOD-323 Plastic-Encapsulate Transistors
More results

Similar Description - BAS16WX-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
W04M-BP MCC-W04M-BP Datasheet
59Kb / 2P
   Complete Discrete Semiconductor Solutions
US1G-TP MCC-US1G-TP Datasheet
110Kb / 3P
   Complete Discete Semiconductor Solutions
logo
Integral Corp.
KT815A INTEGRAL-KT815A Datasheet
246Kb / 8P
   DISCRETE SEMICONDUCTOR Transistors
logo
AZ Displays
AGM3224Q AZDISPLAYS-AGM3224Q Datasheet
1Mb / 28P
   COMPLETE LCD SOLUTIONS
ATM4823A AZDISPLAYS-ATM4823A Datasheet
1Mb / 19P
   COMPLETE LCD SOLUTIONS
ATM3224C-NC-FTH AZDISPLAYS-ATM3224C-NC-FTH Datasheet
807Kb / 15P
   COMPLETE LCD SOLUTIONS
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
   Mini size of Discrete semiconductor elements
logo
AZ Displays
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
logo
List of Unclassifed Man...
QBVW033 ETC2-QBVW033 Datasheet
3Mb / 18P
   GE Complete Family of DC-DC Solutions
logo
Panasonic Semiconductor
MIP290 PANASONIC-MIP290 Datasheet
4Mb / 152P
   Semiconductor Selection Guide Microcomputers, Bipolar ICs, Discrete Semiconductors
2009 ver.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com