Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1835P Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA1835P
Description  Watchdog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA1835P Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA1835P Datasheet HTML 1Page - Hitachi Semiconductor HA1835P Datasheet HTML 2Page - Hitachi Semiconductor HA1835P Datasheet HTML 3Page - Hitachi Semiconductor HA1835P Datasheet HTML 4Page - Hitachi Semiconductor HA1835P Datasheet HTML 5Page - Hitachi Semiconductor HA1835P Datasheet HTML 6Page - Hitachi Semiconductor HA1835P Datasheet HTML 7Page - Hitachi Semiconductor HA1835P Datasheet HTML 8Page - Hitachi Semiconductor HA1835P Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HA1835P/HA1848P
4
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Supply voltage
V
CC
30
V
P-RUN input voltage
V
P-RUN
–0.3 to Vout
V
Output voltage
V
RES
17.5
V
V
RES
17.5
V
Output current
I
RES
2mA
I
RES
2mA
Control terminal voltage
V
CONT
V
CC
V
Control terminal current
I
CONT
20
mA
Power dissipation (Note)
P
T *
400
mW
Operating temperature range
Topr
–40 to +85
°C
Storage temperature range
Tstg
–50 to +125
°C
Soldering temperature
Tsol
+260 (< 10 sec)
°C
Note:
Ta
≤ 77°C. If Ta > 77°C, derate by 8.3 mW/°C.


Similar Part No. - HA1835P

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
   Driver Stage Amplifier Applications
More results

Similar Description - HA1835P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com