Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1835P Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA1835P
Description  Watchdog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA1835P Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA1835P Datasheet HTML 1Page - Hitachi Semiconductor HA1835P Datasheet HTML 2Page - Hitachi Semiconductor HA1835P Datasheet HTML 3Page - Hitachi Semiconductor HA1835P Datasheet HTML 4Page - Hitachi Semiconductor HA1835P Datasheet HTML 5Page - Hitachi Semiconductor HA1835P Datasheet HTML 6Page - Hitachi Semiconductor HA1835P Datasheet HTML 7Page - Hitachi Semiconductor HA1835P Datasheet HTML 8Page - Hitachi Semiconductor HA1835P Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HA1835P/HA1848P
2
Pin Arrangement
1
2
3
4
5
6
7
RES
RES
CS
VCC
VCONT
Comp *
Vadj
14
13
12
11
10
9
8
RR
CR
P-RUN
Rf
Cf
Vout
GND
(Top View)
Note: HA1848P: 9 pin is non connection.
Pin Functions
Pin No.
Symbol
Functions
1R
R
Reset pulse width depends on resistance connected to R
R
Recommended range: 100 k
Ω to 1 MΩ
2C
R
Reset pulse width depends on capacitance connected to C
R
3
P-RUN
Clock pulse input terminal for watchdog timer
4
Rf
Frequency band width of filter circuit depends on resistance connected to Rf
Recommended range: 100 k
Ω to 500 kΩ
5
Cf
Frequency band width of filter circuit depends on capacitance connected to Cf
6
Vout
Connect to external PNP transistor's collector: This pin supplies 5 V regulated
voltage for internal circuit
7
GND
Ground
8
Vadj
Output voltage fine tuning terminal
9
Comp
Phase compensation terminal: Connect less than 100 pF capacitor between V
CC
and Comp. HA1848P is non connection
10
V
CONT
External PNP transistor's base control terminal
11
V
CC
Supply voltage terminal: Operating supply voltage range is 6 V to 30 V
12
CS
Connect current sense resistor, which protects the external PNP transistor,
between V
CC and CS
13
RES *
Reset pulse output terminal for low level reset type microcomputer
14
RES *
Reset pulse output terminal for high level reset type microcomputer
Note:
RES and RES are open-collector output terminals, so connect a pull-up resistor of about 5 k
Ω.


Similar Part No. - HA1835P

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
   Driver Stage Amplifier Applications
More results

Similar Description - HA1835P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com