Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1835P Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA1835P
Description  Watchdog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA1835P Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA1835P Datasheet HTML 3Page - Hitachi Semiconductor HA1835P Datasheet HTML 4Page - Hitachi Semiconductor HA1835P Datasheet HTML 5Page - Hitachi Semiconductor HA1835P Datasheet HTML 6Page - Hitachi Semiconductor HA1835P Datasheet HTML 7Page - Hitachi Semiconductor HA1835P Datasheet HTML 8Page - Hitachi Semiconductor HA1835P Datasheet HTML 9Page - Hitachi Semiconductor HA1835P Datasheet HTML 10Page - Hitachi Semiconductor HA1835P Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
HA1835P/HA1848P
7
Functional Description
Voltage Regulator
The HA1835P, and HA1848P supplies 5 V regulated output from a wide V
CC input range (VCC = 6 V to
17.5 V). The external PNP transistor should be selected according to the supply current demand of the
system. Connect a more than 100
µF capacitor between Vout and GND to realize the 5 V regulated output.
The resistor connected from the Vadj terminal to the Vout or GND terminal fine tunes the output voltage.
A resistor between Vadj and the Vout decreases the output voltage, and a resistor between Vadj and GND
increases the output voltage.
5
⋅ Vout − 7.14
5
− Vout
R (Vout
− Vadj) ≈
(k
Ω)
7.14
Vout
− 5
R (Vadj
− GND) ≈
(k
Ω)
Current Limiter
To protect the external transistor from overcurrent, connect a current-sense resistor between the CS
terminal and the V
CC terminal. The value of this resistor should be:
0.3 V
Iout (Limit)
RSC
(at Ta = 25
°C)
Power-On Reset
The HA1835P, and HA1848P can output a reset pulse to start the microcomputer at power on (figure 6).
The external resistor R
R and capacitor CR determine the power-on reset timing.
Note that
RES and RES are open-collector terminals. They should therefore be connected to a pull-up
resistor of about 5 k
Ω.
Watchdog Timer
The watchdog timer is a fail-safe function. It can reset the microcomputer system if the system runs out of
control. It does this be monitoring a pulse output by the system's software. It uses a bandpass filter to
determine whether the pulse frequency is within the system's normal frequency band (figure 7, 8). External
resistor and capacitor Rf and Cf determine the frequency range of the bandpass filter. If the pulse
frequency is not within the frequency band, the HA1835P, and HA1848P outputs a reset pulse.


Similar Part No. - HA1835P

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
   Driver Stage Amplifier Applications
More results

Similar Description - HA1835P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com