Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1835P Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA1835P
Description  Watchdog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA1835P Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA1835P Datasheet HTML 1Page - Hitachi Semiconductor HA1835P Datasheet HTML 2Page - Hitachi Semiconductor HA1835P Datasheet HTML 3Page - Hitachi Semiconductor HA1835P Datasheet HTML 4Page - Hitachi Semiconductor HA1835P Datasheet HTML 5Page - Hitachi Semiconductor HA1835P Datasheet HTML 6Page - Hitachi Semiconductor HA1835P Datasheet HTML 7Page - Hitachi Semiconductor HA1835P Datasheet HTML 8Page - Hitachi Semiconductor HA1835P Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HA1835P/HA1848P
5
Electrical Characteristics (V
CC = 12 V, Vout = 5 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Power supply terminal current
I
CC
6.3
12
mA
V
CC = 17.5 V (No load),
with PNP transistor
Regulator
Output voltage
Vout1
4.75
5.00
5.25
V
V
CC = 6 to 17.5 V, Iout = 0.5 A
section
Vout2
4.70
5.00
5.30
V
V
CC = 6 to 17.5 V, Iout = 1 A
Line regulation
δV
Oline
–50
+50
mV
V
CC = 6 to 17.5 V, Iout = 1 A
Load regulation
δV
Oload
–100
+100
mV
Iout = 10 mA to 0.5 A
Ripple rejection
R
REJ
40
75
dB
e
i = 0.5 Vrms, fi = 1 kHz
Limiter operating current
I
CS
1.0
2.0
A
R
SC = 0.2 Ω
Output voltage temperature
coefficient
δVout/δT —
–0.6
mV/
°C
P-RUN input Low-level input voltage
V
IL
0.8
V
section
High-level input voltage
V
IH
2.0
V
Low-level input current
I
IL
–120
–60
µAV
IL = 0 V
High-level input current
I
IH
1.8
3.0
mA
Vout = 5 V, V
IH = 5 V
Reset circuit
section
Reset terminal low-level
voltage
V
OL1
0.4
V
I
OL = 2 mA
Reset terminal
I
OH1
5.0
µAV
OH = 5 V
leakage current
I
OH3
——30
µAV
OH = 17.5 V
Reset time
Power on time
t
on
80
130
200
ms
Rf = 300 k
Ω, R
R = 560 kΩ,
Clock off reset time
t
off
60
130
220
ms
Cf = 0.01
µF, C
R = 0.1 µF
Reset pulse low-level time
t
RL
40
80
160
ms
Reset pulse high-level time
t
RH
50
100
200
ms


Similar Part No. - HA1835P

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HA1837 HUASHAN-HA1837 Datasheet
332Kb / 2P
   Driver Stage Amplifier Applications
More results

Similar Description - HA1835P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com