Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17903 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA17903
Description  Dual Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17903 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA17903 Datasheet HTML 1Page - Hitachi Semiconductor HA17903 Datasheet HTML 2Page - Hitachi Semiconductor HA17903 Datasheet HTML 3Page - Hitachi Semiconductor HA17903 Datasheet HTML 4Page - Hitachi Semiconductor HA17903 Datasheet HTML 5Page - Hitachi Semiconductor HA17903 Datasheet HTML 6Page - Hitachi Semiconductor HA17903 Datasheet HTML 7Page - Hitachi Semiconductor HA17903 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HA17903, HA17393 Series
Dual Comparator
Description
HA17903 and HA17393 are comparators designed for car use and control system use.
They provide wide voltage range with single power source, and the change of supply current is small,
because it is independent of the supply voltage. They can be widely applied, such as limit comparator,
simple analog/digital converter, pulse/square wave/time delay generator, wide range VCO, MOS clock
timer, multivibrator, high voltage logic gate, etc.
Features
• Wide supply voltage: 2 to 36V
• Very low supply current: 0.8mA
• Small input bias: 25nA
• Small input offset current: 3nA
• Small input offset voltage: 2mV
• Common mode input voltage range including ground.
• Small output saturation voltage: 1mV (5µA)
70mV (1mA)
• Output voltage is compatible with CMOS logic system.
Ordering Information
Type No.
Application
Package
HA17903PSJ
Car use
DP-8
HA17903FPJ
FP-8D
HA17903FPK
FP-8D
HA17903PS
Industrial use
DP-8
HA17903FP
FP-8D
HA17393
Commercial use
DP-8
HA17393F
FP-8D


Similar Part No. - HA17903

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17903 RENESAS-HA17903 Datasheet
226Kb / 7P
   Dual Comparator
logo
List of Unclassifed Man...
HA17903 ETC2-HA17903 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
   Dual Comparators
HA17903AFP RENESAS-HA17903AFP Datasheet
103Kb / 9P
   Dual Comparators
HA17903APS RENESAS-HA17903APS Datasheet
103Kb / 9P
   Dual Comparators
More results

Similar Description - HA17903

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com