Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA178L00 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HA178L00
Description  3-terminal Fixed Voltage Regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA178L00 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HA178L00 Datasheet HTML 1Page - Hitachi Semiconductor HA178L00 Datasheet HTML 2Page - Hitachi Semiconductor HA178L00 Datasheet HTML 3Page - Hitachi Semiconductor HA178L00 Datasheet HTML 4Page - Hitachi Semiconductor HA178L00 Datasheet HTML 5Page - Hitachi Semiconductor HA178L00 Datasheet HTML 6Page - Hitachi Semiconductor HA178L00 Datasheet HTML 7Page - Hitachi Semiconductor HA178L00 Datasheet HTML 8Page - Hitachi Semiconductor HA178L00 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
HA178L00 Series
5
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Note
Input voltage
V
IN
35
V
Power dissipation
P
T
800
mW
TO-92M*
1
800
mW
UPAK*
2
Operating ambient temperature
Topr
–20 to +75
°C
TO-92M
–20 to +85
°C
UPAK
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Ta
≤ 25°C, If Ta >25°C, derate by 6.4 mW/°C (See figure A)
2. 15mm
× 25mm × 0.7 mm alumina ceramic board, Ta ≤ 25°C (See figure B)
1,000
800
600
400
200
0
–20
0
25
50
75
100
480
Ambient Temperature Ta (
°C)
1,200
1,000
800
600
400
200
0
25
50
125
75
150
(1)
Ambient Temperature Ta (
°C)
AB
100
(2)
(1) Non Board
(2) 15mm
× 25mm × 0.7mm
Alumina Ceramic Board


Similar Part No. - HA178L00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L00 HITACHI-HA178L00 Datasheet
90Kb / 21P
3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
3-terminal Fixed Voltage Regulators
logo
Hitachi Semiconductor
HA178L00A HITACHI-HA178L00A Datasheet
82Kb / 21P
3-terminal Fixed Voltage Regulators
HA178L00A HITACHI-HA178L00A Datasheet
90Kb / 21P
3-terminal Fixed Voltage Regulators
logo
Renesas Technology Corp
HA178L00A RENESAS-HA178L00A Datasheet
230Kb / 16P
3-terminal Fixed Voltage Regulators
More results

Similar Description - HA178L00

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17800V HITACHI-HA17800V Datasheet
62Kb / 16P
3-terminal Fixed Voltage Regulators
HA178M00 HITACHI-HA178M00 Datasheet
62Kb / 17P
3-terminal Fixed Voltage Regulators
HA178L12 HITACHI-HA178L12 Datasheet
82Kb / 21P
3-terminal Fixed Voltage Regulators
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
3-terminal Negative Fixed Voltage Regulators
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
3-terminal Fixed Voltage Regulators
logo
List of Unclassifed Man...
PJ7800 ETC-PJ7800 Datasheet
381Kb / 9P
3-Terminal Fixed Voltage Positive Regulators
logo
Vishay Siliconix
MC79XXCT VISHAY-MC79XXCT Datasheet
74Kb / 8P
3-Terminal Fixed Negative Voltage Regulators
11-Jun-02
logo
Renesas Technology Corp
HA178L00 RENESAS-HA178L00 Datasheet
230Kb / 16P
3-terminal Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
3-terminal Negative Fixed Voltage Regulators
HA178L02 RENESAS-HA178L02 Datasheet
233Kb / 9P
3-terminal Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com