Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13563 Datasheet(PDF) 14 Page - Hitachi Semiconductor

Part # HA13563
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13563 Datasheet(HTML) 14 Page - Hitachi Semiconductor

Back Button HA13563 Datasheet HTML 10Page - Hitachi Semiconductor HA13563 Datasheet HTML 11Page - Hitachi Semiconductor HA13563 Datasheet HTML 12Page - Hitachi Semiconductor HA13563 Datasheet HTML 13Page - Hitachi Semiconductor HA13563 Datasheet HTML 14Page - Hitachi Semiconductor HA13563 Datasheet HTML 15Page - Hitachi Semiconductor HA13563 Datasheet HTML 16Page - Hitachi Semiconductor HA13563 Datasheet HTML 17Page - Hitachi Semiconductor HA13563 Datasheet HTML 18Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HA13563/V
14
Reference Data
0
0
10
20
30
40
50
10
20
30
0
0
20
40
60
80
100
123
0
0
1
2
3
4
5
12
123
0
Supply voltage VCC (V)
4
0
1
2
3
Output Current IO (A)
Output Current IO (A)
Diode Forward Voltage VF (V)
Current Drain vs.
Supply voltage
Output Saturation voltage vs.
Output Current
Output Drive Current vs.
Output Current
Diode Forward Current vs.
Diode Forward Voltage
Sink
Sink
+ S
ou
rce
CE = Low
Pin 3 = 5V
Tj = 25
°C
CE = Low
VCC = 24V
Tj = 25
°C
VCC = 24V
Tj = 25
°C
VCC = 24V
Tj = 25
°C
Source


Similar Part No. - HA13563

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13561 HITACHI-HA13561 Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
More results

Similar Description - HA13563

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com