Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13563 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA13563
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13563 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA13563 Datasheet HTML 4Page - Hitachi Semiconductor HA13563 Datasheet HTML 5Page - Hitachi Semiconductor HA13563 Datasheet HTML 6Page - Hitachi Semiconductor HA13563 Datasheet HTML 7Page - Hitachi Semiconductor HA13563 Datasheet HTML 8Page - Hitachi Semiconductor HA13563 Datasheet HTML 9Page - Hitachi Semiconductor HA13563 Datasheet HTML 10Page - Hitachi Semiconductor HA13563 Datasheet HTML 11Page - Hitachi Semiconductor HA13563 Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HA13563/V
8
5. Determine the component value using the following formula as a guideline:
C108 (
µF) =
220
ffg (Hz)
Digital filter time T
MASK of FG signal is determined as follows.
TMASK (sec) =
1
CLK
× D2
2
CLK
× D2
where, CLK : The reference frequency.
D2
: CLK frequency dividing ratio.
FG signal
wave shaping output
After digital filter
TMASK
TMASK
6. The PWM carrier frequency is determined roughly by the following formula:
fPWM =
1180
Rt (k
Ω) Ct1 (pF)
× 103
7. The formula shown below roughly determines the time, Tprot (s), until the stuck rotor protection
circuit operates. Figure 2 shows the operating waveforms. The latched state can be cleared by
either
CE or V
CC.
Note that a capacitor with a leakage current sufficiently smaller than the
charging current Ict+ must be used.
Tprot = 0.24 Ct2 (
µF)
VCC
IRNF
VPROT
CE
H
Vth+0.7V
Vth
0
0
L
Vref1
R
NF
VHYS
Tprot
Tset = 0.004
⋅ Ct2 (µF) [sec]
LVI
Figure 2
Stuck Rotor Protection Operating Waveforms
8. The reference frequency CLK (Hz) and the FG frequency ffg (Hz) are related by the following
formula:
CLK =
1024 ffg
D2


Similar Part No. - HA13563

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13561 HITACHI-HA13561 Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
More results

Similar Description - HA13563

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com