Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13563 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA13563
Description  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13563 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA13563 Datasheet HTML 3Page - Hitachi Semiconductor HA13563 Datasheet HTML 4Page - Hitachi Semiconductor HA13563 Datasheet HTML 5Page - Hitachi Semiconductor HA13563 Datasheet HTML 6Page - Hitachi Semiconductor HA13563 Datasheet HTML 7Page - Hitachi Semiconductor HA13563 Datasheet HTML 8Page - Hitachi Semiconductor HA13563 Datasheet HTML 9Page - Hitachi Semiconductor HA13563 Datasheet HTML 10Page - Hitachi Semiconductor HA13563 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HA13563/V
7
K
T
: Torque constant (N•m/A)
T
L
: Rated load torque (N•m)
V
OSC
: PWM carrier oscillator amplitude (V
PP, See the Electrical Charasteristics)
V
E
: Motor back EMF (V
PP/T–T)
R
NF
: Current detection resistor (
Ω)
Vref1 : Current limiter reference voltage (See the Electrical Charasteristics)
Vsat
: Saturation voltage (See the Electrical Charasteristics)
Set C2 and derive the integration constants from the following formulas.
R4 =
1
ω
P ⋅ C2
(5)
R2 =
R4
G(E)
(6)
C1 =
1
2
⋅ R2 ⋅ ω
O
(7)
R3 = R2
(8)
Next, determine R1 to match the phase of PLL output.
R1 =
1.89
⋅ R4
1.6
− 0.33 ⋅ R4 / R2
(9)
When log
ω
PM is greater than 2, a phase advance to compensate for this phenomenon is
required. Use the following formula to set the phase advance:
1
C4
⋅ R5
ω
P
20
⋅ 2
<
(10)
DIS OUT
R1
R5
C4
PLL OUT
+
R2
C1
R3
2.8V
Integrating
amplifier
C2
R4
Figure 1
Integration Constants
2. The Hall output bias voltage is determined by R101 and R102.
3. The output current is controlled according to the following formula:
Iomax =
Vref1
RNF
Where, Vref1 is the current limiter reference voltage. (See the Electrical Charasteristics)
Mount this resistor as close as possible to the IC and use a resistor with a small inductance
component.
4. Connect these components as close to the IC as possible.


Similar Part No. - HA13563

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13561 HITACHI-HA13561 Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13568AT HITACHI-HA13568AT Datasheet
97Kb / 22P
   CD-ROM Combo Driver
More results

Similar Description - HA13563

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com