Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P780-010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P780-010
Description  10-ft. KVM Switch USB/PS2 Combo Cable Kit for B040 & B042 Series KVMs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P780-010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P780-010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P780-010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P780-010 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-ft. KVM Switch USB/PS2 Combo Cable Kit for
B040 & B042 Series KVMs
MODEL NUMBER: P780-010
Description
Tripp Lite's 10-ft. USB/PS2 (All-in-1) KVM cable kit is designed to connect a USB or PS/2 computer to Tripp
Lite's NetController KVM Switches (B042-Series KVM Switches). This premium All-in-1 cable provides superior
performance and cable management. The KVM Switch side of the cable kit consists of a HD15 Male cable. The
computer side of the cable kit consists of a HD15 Male cable, a PS/2 (MiniDIN6) Male Keyboard cable, a USB A Male cable and a USB A Female to PS/2
(MiniDIN6) Male Adapter. All cables are manufactured from superior molded cabling with integral strain relief and foil shielding for maximum EMI/RFI protection.
Features
Connects a USB or PS/2 computer to Tripp Lite's NetController KVM Switches (B042-Series KVM Switches)
KVM Switch side of the cable kit consists of a HD15 Male cable
Computer side of the cable kit consists of a HD15 Male cable, a PS/2 (MiniDIN6) Male Keyboard cable, a USB A Male cable and a USB A Female to
PS/2 (MiniDIN6) Male Adapter
Provides superior performance and cable management
Low-profile cable is super flexible and easy to control
Superior molded cable with integral strain relief and double shielding (foil and braid) for maximum EMI/RFI protection
Specifications
OVERVIEW
Model Type
Cable Kits
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
Highlights
Connects a USB or PS/2
Computer to Tripp Lite's
NetController KVM Switches
(B042-Series KVM Switches)
All-in-1 construction and slim size
makes management and
organization of cables much
easier
KVM Switch side of the cable kit
consists of a HD15 Male cable
Computer side of the cable kit
consists of a HD15 Male cable, a
PS/2 (MiniDIN6) Male Keyboard
cable, a USB A Male cable and
a USB A Female to PS/2
(MiniDIN6) Male Adapter
Molded, color-coded connectors
Package Includes
10 ft. USB/PS2 All-in-1 KVM
Cable Kit
1 / 2


Similar Part No. - P780-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P780-015 TRIPPLITE-P780-015 Datasheet
476Kb / 3P
   KVM Switch USB/PS2 Combo Cable Kit for B040 & B042 Series KVMs
More results

Similar Description - P780-010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P780-015 TRIPPLITE-P780-015 Datasheet
476Kb / 3P
   KVM Switch USB/PS2 Combo Cable Kit for B040 & B042 Series KVMs
P780-006 TRIPPLITE-P780-006 Datasheet
477Kb / 3P
   6-ft. KVM Switch USB/PS2 Combo Cable Kit for B040 & B042 Series KVMs
P781-010 TRIPPLITE-P781-010 Datasheet
482Kb / 3P
   10-ft. Daisychain Cable for B040 & B042 Series KVMs
P781-006 TRIPPLITE-P781-006 Datasheet
484Kb / 3P
   6-ft. Daisychain Cable for B040 & B042 Series KVMs
P781-016 TRIPPLITE-P781-016 Datasheet
484Kb / 3P
   16-ft. Daisychain Cable for B040 & B042 Series KVMs
P778-006 TRIPPLITE-P778-006 Datasheet
498Kb / 4P
   6-ft. KVM Switch USB/PS2 Combo Cable for B020-U08/U16 and B022-U16 KVMs
P758-010 TRIPPLITE-P758-010 Datasheet
495Kb / 3P
   10-ft. KVM Switch USB Cable Kit for B006-VU4-R
P776-006 TRIPPLITE-P776-006 Datasheet
484Kb / 3P
   6-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVMs
P776-019 TRIPPLITE-P776-019 Datasheet
482Kb / 3P
   19-ft. KVM Switch USB (2-in-1) Cable Kit for B020- and B022-Series KVMs
P770-013 TRIPPLITE-P770-013 Datasheet
470Kb / 3P
   13-ft. KVM Switch Daisychain Cable for B060 KVMs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com