Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMC07IB75 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GMC07IB75
Description   5x7 Dot Matrix
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMC07IB75 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GMC07IB75 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMC07IB75 Datasheet HTML 2Page - List of Unclassifed Manufacturers GMC07IB75 Datasheet HTML 3Page - List of Unclassifed Manufacturers GMC07IB75 Datasheet HTML 4Page - List of Unclassifed Manufacturers GMC07IB75 Datasheet HTML 5Page - List of Unclassifed Manufacturers GMC07IB75 Datasheet HTML 6Page - List of Unclassifed Manufacturers GMC07IB75 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GMZ07XX75_series
0.7” 5x7 Dot Matrix
Product: GMZ07XX75 Series
Date: 07/13/2011
Page 1 of 7
Version# 1.1
Feature:
 Low power consumption
 Packed in tube
 AlInGaP technology for Red/Yellow/Yellow
Green
 InGaN technology for Green/ Blue
Description:
These 0.7” 5x7 dot matrix displays are made with
white got and grey surface.
Application:
 Instrument panels
 Indoor/Outdoor display board
 Audio equipment
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.25mm


Similar Part No. - GMC07IB75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMC07IB75 ETC1-GMC07IB75 Datasheet
283Kb / 7P
0.7inch 5x7 Dot Matrix
More results

Similar Description - GMC07IB75

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
GMA7175C QT-GMA7175C Datasheet
519Kb / 5P
0.7 5X7 DOT MATRIX DISPLAYS
GMA8475C QT-GMA8475C Datasheet
601Kb / 7P
1.2 5X7 DOT MATRIX DISPLAYS
logo
Marktech Corporate
MTAN2135-AG MARKTECH-MTAN2135-AG Datasheet
44Kb / 1P
Marktech 0.30 5x7 Dot Matrix
MTAN2170-12A MARKTECH-MTAN2170-12A Datasheet
52Kb / 1P
0.68 5x7 Dot Matrix Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
5x7 Dot Matrix Intelligent Display
logo
List of Unclassifed Man...
GMC12IB75 ETC2-GMC12IB75 Datasheet
285Kb / 7P
5x7 Dot Matrix
GMC21IB75 ETC2-GMC21IB75 Datasheet
389Kb / 8P
2.1??5x7 Dot Matrix
GMC07IB75 ETC1-GMC07IB75 Datasheet
283Kb / 7P
0.7inch 5x7 Dot Matrix
GMC12IB75 ETC1-GMC12IB75 Datasheet
285Kb / 7P
1.2inch 5x7 Dot Matrix
GMC21IB75 ETC1-GMC21IB75 Datasheet
389Kb / 8P
2.1inch 5x7 Dot Matrix
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com