Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T301202 Datasheet(PDF) 1 Page - E-SWITCH

Part # T301202
Description  PLATING MATERIAL: GOLD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T301202 Datasheet(HTML) 1 Page - E-SWITCH

  T301202 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
300AWSP5J6BLKVS21RE
2:1
8/3/2007
T301202
B
BF
1
1
12.70
[.500 in]
4.70
[.185 in]
1.27
[.050 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VOLT-AMPS MAX. @20V MAX. (ACor DC)
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
0FF
ON
(ON)
2-3
OPEN
2-1
2
1
3
CIRCUIT: SPDT
B
17532
REVISED AND REDRAWN
8/3/07
BF
1
3
2
EPOXY SEAL
.76
[.030 in]
ISOMETRIC
11.43
[.450 in]
16.36
[.644 in]
3.18
[.125 in]
2.36
[.093 in]
R5.84
[.230 in]
11.68
[.460 in]
3.18
[.125 in]
1.22
[.048 in]
.50
[.020 in]
15.75
[.620 in]
4.32
[.170 in]
4.50
[.177 in]
15.75
[.620 in]
3.18
[.125 in]
4.70
[.185 in]
n1.85
[.073 in]
P.C. MOUNTING
16.25
[.640 in]
11.43
[.450 in]
(ON) = MOMENTARY


Similar Part No. - T301202

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T301201 E-SWITCH-T301201 Datasheet
68Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T301202

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XK0003P E-SWITCH-XK0003P Datasheet
42Kb / 1P
PLATING MATERIAL: SILVER
logo
Silicon Laboratories
GRPB1VWVN-RC SILABS-GRPB1VWVN-RC Datasheet
117Kb / 2P
Insulator Matecerial:Nylon 9T Contact Material: Brass Plating: Overall Gold Flash
logo
Projects Unlimited, Inc...
SMT-0540-T-2-R PUI-SMT-0540-T-2-R Datasheet
209Kb / 1P
ADDED TERMINAL MATERIAL PLATING
logo
Pasternack Enterprises,...
PE91137 PASTERNACK-PE91137 Datasheet
345Kb / 3P
Inner Conductor Material and Plating
logo
Japan Aviation Electron...
M36S08K4Q3 JAE-M36S08K4Q3 Datasheet
139Kb / 1P
SOCKET CONTACT (GOLD PLATING)
logo
E-SWITCH
06-DR3M16RTR E-SWITCH-06-DR3M16RTR Datasheet
72Kb / 1P
Gold Over Nickel Plating
06-DR75AMP10RB E-SWITCH-06-DR75AMP10RB Datasheet
68Kb / 1P
Gold Over Nickel Plating
06-DR410RB E-SWITCH-06-DR410RB Datasheet
66Kb / 1P
Gold Over Nickel Plating
06-DR3A10RB E-SWITCH-06-DR3A10RB Datasheet
67Kb / 1P
Gold Over Nickel Plating
06-DR316RB E-SWITCH-06-DR316RB Datasheet
67Kb / 1P
Gold Over Nickel Plating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com