Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1058 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SK1058
Description  Silicon N-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1058 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK1058 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 7Page - Hitachi Semiconductor 2SK1058 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK1056, 2SK1057, 2SK1058
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source
2SK1056
V
(BR)DSX
120
V
I
D = 10 mA, VGS = –10 V
breakdown voltage
2SK1057
140
2SK1058
160
Gate to source breakdown
voltage
V
(BR)GSS
±15
——V
I
G = ±100 µA, VDS = 0
Gate to source cutoff voltage
V
GS(off)
0.15
1.45
V
I
D = 100 mA, VDS = 10 V
Drain to source saturation
voltage
V
DS(sat)
——12
V
I
D = 7 A, VGD = 0 *
1
Forward transfer admittance
|yfs|
0.7
1.0
1.4
S
I
D = 3 A, VDS = 10 V *
1
Input capacitance
Ciss
600
pF
V
GS = –5 V, VDS = 10 V,
Output capacitance
Coss
350
pF
f = 1 MHz
Reverse transfer capacitance
Crss
10
pF
Turn-on time
t
on
180
ns
V
DD = 20 V, ID = 4 A,
Turn-off time
t
off
—60
ns
Note:
1. Pulse test


Similar Part No. - 2SK1058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1058 RENESAS-2SK1058 Datasheet
72Kb / 6P
   Silicon N Channel MOS FET
2SK1058 RENESAS-2SK1058 Datasheet
91Kb / 8P
   Silicon N Channel MOS FET
2SK1058-E RENESAS-2SK1058-E Datasheet
72Kb / 6P
   Silicon N Channel MOS FET
2SK1058-E RENESAS-2SK1058-E Datasheet
91Kb / 8P
   Silicon N Channel MOS FET
More results

Similar Description - 2SK1058

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com