Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JRC4558D Datasheet(PDF) 4 Page - New Japan Radio

Part # JRC4558D
Description  DUAL OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

JRC4558D Datasheet(HTML) 4 Page - New Japan Radio

  JRC4558D Datasheet HTML 1Page - New Japan Radio JRC4558D Datasheet HTML 2Page - New Japan Radio JRC4558D Datasheet HTML 3Page - New Japan Radio JRC4558D Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NJM4558/4559
- 4 -
Ver.2013-11-05
■ TYPICAL CHARACTERISTICS
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.
Input Offset Voltage vs. temperature
V
+/V-=±15V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
Ambient Temperature Ta [ºC]
Input Bias Current vs. Temperature
V
+/V-=±15V
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
Ambient Temperature Ta [ºC]
Maximum Output Voltage Swing
vs. Operating Voltage
RL=2kΩ, Ta=25ºC
-15
-10
-5
0
5
10
15
±6
±8
±10
±12
±14
±16
Operating Voltage V
+/V- [V]
+VOM
-VOM
Operating Current vs. Operating Voltage
Ta=25ºC
0
1
2
3
4
5
6
7
8
9
0
±2
±4
±6
±8 ±10 ±12 ±14 ±16 ±18
Operating Voltage V
+/V- [V]


Similar Part No. - JRC4558D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
JRC4558D NJRC-JRC4558D Datasheet
80Kb / 2P
   DUAL OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
JRC4558D UMW-JRC4558D Datasheet
4Mb / 6P
   Dual operational amplifier circuit
More results

Similar Description - JRC4558D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com