Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JRC4558D Datasheet(PDF) 3 Page - New Japan Radio

Part # JRC4558D
Description  DUAL OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

JRC4558D Datasheet(HTML) 3 Page - New Japan Radio

  JRC4558D Datasheet HTML 1Page - New Japan Radio JRC4558D Datasheet HTML 2Page - New Japan Radio JRC4558D Datasheet HTML 3Page - New Japan Radio JRC4558D Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NJM4558/4559
- 3 -
Ver.2013-11-05
■ TYPICAL CHARACTERISTICS
Open Loop Voltage Gain vs. Frequency
V
+/V-=±15V, R
L=2kΩ, Ta=25ºC
0
20
40
60
80
100
120
1
10
100
1k
10k 100k
1M
10M
Frequency f [Hz]
NJM4558
NJM4559
Maximum Output Voltage Swing vs. Frequency
V
+/V-=±15V, R
L=2kΩ, Ta=25ºC
0
5
10
15
20
25
30
1
10
100
1k
10k
100k
1M
Frequency f [Hz]
NJM4558
NJM4559
Maximum Output Voltage Swing vs.
Load Resistance
V
+/V-=±15V, Ta=25ºC
12
14
16
18
20
22
24
26
28
30
100
1k
10k
Load Resistance RL [Ω]
Operating Current vs. Temperature
V
+/V-=±15V
0
1
2
3
4
5
6
7
8
9
-50
-25
0
25
50
75
100
125
Ambient Temperature Ta [ºC]
Maximum Output Voltage Swing vs. Temperature
V
+/V-=±15V, R
L=10kΩ
10
11
12
13
14
15
-50
-25
0
25
50
75
100
125
Ambient Temperature Ta [ºC]
-14
-13
-12
-11
-10
-9
+VOM
-VOM
-12
-13
-14
Equivalent Input Noise Voltage vs. Frequency
V
+/V-=±15V, R
S=50Ω, AV=60dB, Ta=25ºC
1
10
100
1000
1
10
100
1k
Frequency f [Hz]


Similar Part No. - JRC4558D

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
JRC4558D NJRC-JRC4558D Datasheet
80Kb / 2P
   DUAL OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
JRC4558D UMW-JRC4558D Datasheet
4Mb / 6P
   Dual operational amplifier circuit
More results

Similar Description - JRC4558D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com