Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ162 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SJ162
Description  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ162 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SJ162 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ162 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SJ160, 2SJ161, 2SJ162
4
150
100
50
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
–20
–5
–1.0
–0.2
–20
–100
–500
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
–10
–0.5
–5
–10
–50
–200
Ta = 25°C
PW
=
100
ms
(1
Shot)
ID max (Continuous)
(–14.3 V,
–7 A)
(–140 V, –0.71 A)
(–160 V, –0.63 A)
2SJ160
2SJ161
2SJ162
(–120 V, –0.83 A)
–2
–10
–20
–50
Drain to Source Voltage VDS (V)
Typical Output Characteristics
–8
–2
–10
–30
–40
TC = 25°C
0
–4
–6
–2
V
GS = 0
–1 V
–3
–4
–5
–6
–7
–8
Pch
= 100
W
–1.0
–0.8
–2.0
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
–0.8
–0.2
–0.4
–1.2
–1.6
0
–0.4
–0.6
VDS = –10 V


Similar Part No. - 2SJ162

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ162 RENESAS-2SJ162 Datasheet
71Kb / 6P
   Silicon P Channel MOS FET
logo
Inchange Semiconductor ...
2SJ162 ISC-2SJ162 Datasheet
313Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SJ162-E RENESAS-2SJ162-E Datasheet
71Kb / 6P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ162

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com