Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8660BA-B-IS1 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI8660BA-B-IS1
Description  LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8660BA-B-IS1 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI8660BA-B-IS1 Datasheet HTML 32Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 33Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 34Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 35Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 36Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 37Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 38Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 39Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 40Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Rev. 1.5
39
Si8660/61/62/63
DOCUMENT CHANGE LIST
Revision 0.1 to Revision 1.0
Added chip graphics on page 1.
Updated " Features" on page 1.
Moved Tables 1 and 11 to page 21.
Updated Tables 2, 3, and 4.
Updated Table 6, “Insulation and Safety-Related
Specifications,” on page 18.
Updated Table 8, “IEC 60747-5-2 Insulation
Characteristics for Si86xxxx*,” on page 19.
Moved Table 12 to page 24.
Moved “Typical Performance Characteristics” to
page 27.
Updated "3.5. Typical Performance Characteristics"
on page 27.
Updated Table 4, “Pin Descriptions,” on page 29.
Updated "5. Ordering Guide" on page 30.
Removed references to QSOP-16 package.
Revision 1.0 to Revision 1.1
Reordered spec tables to conform to new
convention.
Removed “pending” throughout document.
Revision 1.1 to Revision 1.2
Updated High Level Output Voltage VOH to 3.1 V in
Table 3, “Electrical Characteristics,” on page 9.
Updated High Level Output Voltage VOH to 2.3 V in
Table 4, “Electrical Characteristics,” on page 13.
Revision 1.2 to Revision 1.3
Updated "5. Ordering Guide" on page 30 to include
MSL2A.
Revision 1.3 to Revision 1.4
Updated Table 11 on page 21.

Added junction temperature spec.
Updated "3.3.1. Supply Bypass" on page 26.
Removed “3.3.2. Pin Connections” on page 22.
Updated "5. Ordering Guide" on page 30.

Removed Rev A devices.
Updated "6. Package Outline: 16-Pin Wide Body
SOIC" on page 31.
Updated Top Marks.

Added revision description.
Revision 1.4 to Revision 1.5
Added Figure 2, “Common Mode Transient Immunity
Test Circuit,” on page 8.
Added references to CQC throughout.
Added references to 2.5 kVRMS devices throughout.
Updated "5. Ordering Guide" on page 30.
Updated "10.1. Si866x Top Marking (16-Pin Wide
Body SOIC)" on page 37.


Similar Part No. - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8660BA-B-IS1 SILABS-Si8660BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com