Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8660BA-B-IS1 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # SI8660BA-B-IS1
Description  LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8660BA-B-IS1 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button SI8660BA-B-IS1 Datasheet HTML 26Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 27Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 28Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 29Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 30Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 31Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 32Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 33Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
Rev. 1.5
Si8660/61/62/63
5. Ordering Guide
Table 13. Ordering Guide for Valid OPNs1,2,3
Ordering Part
Number (OPN)
Number of
Inputs
VDD1 Side
Number of
Inputs
VDD2 Side
Max Data
Rate
(Mbps)
Default
Output
State
Isolation
rating
(kV)
Temp (°C)
Package
Si8660BA-B-IS1
6
0
150
Low
1.0
–40 to 125 °C
NB SOIC-16
Si8660BB-B-IS1
6
0
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8660BC-B-IS1
6
0
150
Low
3.75
–40 to 125 °C
NB SOIC-16
Si8660EC-B-IS1
6
0
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8660BD-B-IS
6
0
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8660ED-B-IS
6
0
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8661BB-B-IS1
5
1
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8661BC-B-IS1
5
1
150
Low
3.75
–40 to 125 °C
NB SOIC-16
Si8661EC-B-IS1
5
1
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8661BD-B-IS
5
1
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8661ED-B-IS
5
1
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8662BB-B-IS1
4
2
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8662BC-B-IS1
4
2
150
Low
3.75
–40 to 125 °C
NB SOIC-16
Si8662EC-B-IS1
4
2
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8662BD-B-IS
4
2
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8662ED-B-IS
4
2
150
High
5.0
–40 to 125 °C
WB SOIC-16
Si8663BB-B-IS1
3
3
150
Low
2.5
–40 to 125 °C
NB SOIC-16
Si8663BC-B-IS1
3
3
150
Low
3.75
–40 to 125 °C
NB SOIC-16
Si8663EC-B-IS1
3
3
150
High
3.75
–40 to 125 °C
NB SOIC-16
Si8663BD-B-IS
3
3
150
Low
5.0
–40 to 125 °C
WB SOIC-16
Si8663ED-B-IS
3
3
150
High
5.0
–40 to 125 °C
WB SOIC-16
Notes:
1.
All packages are RoHS-compliant with peak reflow temperatures of 260 °C according to the JEDEC industry standard
classifications and peak solder temperatures.
Moisture sensitivity level is MSL3 for wide-body SOIC-16 packages.
Moisture sensitivity level is MSL2A for narrow-body SOIC-16 packages.
2.
All devices >1 kVRMS are AEC-Q100 qualified.
3.
“Si” and “SI” are used interchangeably.


Similar Part No. - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8660BA-B-IS1 SILABS-Si8660BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com