Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8660BA-B-IS1 Datasheet(PDF) 27 Page - Silicon Laboratories

Part # SI8660BA-B-IS1
Description  LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8660BA-B-IS1 Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button SI8660BA-B-IS1 Datasheet HTML 23Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 24Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 25Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 26Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 27Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 28Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 29Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 30Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Rev. 1.5
27
Si8660/61/62/63
3.5. Typical Performance Characteristics
The typical performance characteristics depicted in the following diagrams are for information purposes only. Refer
to Tables 2, 3, and 4 for actual specification limits.
Figure 9. Si8660 Typical VDD1 Supply Current
vs. Data Rate 5, 3.3, and 2.5 V Operation
Figure 10. Si8661 Typical VDD1 Supply Current
vs. Data Rate 5, 3.3, and 2.5 V Operation
(15 pF Load)
Figure 11. Si8662 Typical VDD1 Supply Current
vs. Data Rate 5, 3.3, and 2.5 V Operation
(15 pF Load)
Figure 12. Si8660 Typical VDD2 Supply Current
vs. Data Rate 5, 3.3, and 2.5 V Operation
(15 pF Load)
Figure 13. Si8661 Typical VDD2 Supply Current
vs. Data Rate 5, 3.3, and 2.5 V Operation
(15 pF Load)
Figure 14. Si8662 Typical VDD2 Supply Current
vs. Data Rate 5, 3.3, and 2.5 V Operation
(15 pF Load)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.5V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.5V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.5V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.5V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.5V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Data Rate (Mbps)
5V
3.3V
2.5V


Similar Part No. - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8660BA-B-IS1 SILABS-Si8660BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com