Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8660BA-B-IS1 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # SI8660BA-B-IS1
Description  LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8660BA-B-IS1 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button SI8660BA-B-IS1 Datasheet HTML 10Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 11Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 12Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 13Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 14Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 15Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 16Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 17Page - Silicon Laboratories SI8660BA-B-IS1 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
Rev. 1.5
Si8660/61/62/63
DC Supply Current (All inputs 0 V or at supply)
Si8660Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI =0(Bx), 1(Ex)
VI =0(Bx), 1(Ex)
VI =1(Bx), 0(Ex)
VI =1(Bx), 0(Ex)
1.2
3.5
8.8
3.7
1.9
5.3
12.3
5.6
mA
Si8661Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI =0(Bx), 1(Ex)
VI =0(Bx), 1(Ex)
VI =1(Bx), 0(Ex)
VI =1(Bx), 0(Ex)
1.7
3.4
7.9
4.8
2.7
5.1
11.1
7.2
mA
Si8662Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI =0(Bx), 1(Ex)
VI =0(Bx), 1(Ex)
VI =1(Bx), 0(Ex)
VI =1(Bx), 0(Ex)
2.2
3.0
7.5
5.6
3.3
4.5
10.5
8.4
mA
Si8663Bx, Ex
VDD1
VDD2
VDD1
VDD2
VI =0(Bx), 1(Ex)
VI =0(Bx), 1(Ex)
VI =1(Bx), 0(Ex)
VI =1(Bx), 0(Ex)
2.6
2.6
6.5
6.5
3.9
3.9
9.1
9.1
mA
Table 4. Electrical Characteristics (Continued)
(VDD1 =2.5 V ±5%, VDD2 =2.5 V ±5%, TA = –40 to 125 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
The nominal output impedance of an isolator driver channel is approximately 50
, ±40%, which is a combination of
the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving
loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2.
tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3.
Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8660BA-B-IS1 SILABS-Si8660BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI8660BA-B-IS1 SKYWORKS-SI8660BA-B-IS1 Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results

Similar Description - SI8660BA-B-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com