Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200AIDR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA200AIDR
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA200AIDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA200AIDR Datasheet HTML 8Page - Texas Instruments INA200AIDR Datasheet HTML 9Page - Texas Instruments INA200AIDR Datasheet HTML 10Page - Texas Instruments INA200AIDR Datasheet HTML 11Page - Texas Instruments INA200AIDR Datasheet HTML 12Page - Texas Instruments INA200AIDR Datasheet HTML 13Page - Texas Instruments INA200AIDR Datasheet HTML 14Page - Texas Instruments INA200AIDR Datasheet HTML 15Page - Texas Instruments INA200AIDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA202V
TestedLimit
OUT
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
,V
,andV
CM2
CM3
CM4 illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
withV
<20mV.
OUT
SENSE
V
testedlimitat
OUT
V
=0mV,0
V
£
CM1
SENSE
V
£
.
S
NOTE:(1)INA200V
TestedLimit=0.4V.INA201V
TestedLimit=1V.
OUT
OUT
Ideal
GainError%=100 -
5kW
5k
+R
W
FILT
100 ´
INA200
INA201
INA202
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
www.ti.com
series with the inputs since the internal gain resistors
can vary up to ±30%. (If gain accuracy is not
important, then resistors can be added in series with
the INA200, INA201, and INA202 inputs with two
equal resistors on each input.)
OUTPUT VOLTAGE RANGE
The output of the INA200, INA201, and INA202 is
accurate within the output voltage swing range set by
the power supply pin, V+. This performance is best
illustrated when using the INA202 (a gain of 100
version), where a 100mV full-scale input from the
shunt resistor requires an output voltage swing of
+10V, and a power-supply voltage sufficient to
achieve +10V on the output.
INPUT FILTERING
Figure 28. Example for Low VSENSE Case 2
(INA202, Gain = 100)
An obvious and straightforward location for filtering is
at the output of the INA200, INA201, and INA202
series; however, this location negates the advantage
SELECTING RS
of the low output impedance of the internal buffer.
The only other option for filtering is at the input pins
The value chosen for the shunt resistor, RS, depends
of the INA200, INA201, and INA202, which is
on the application and is a compromise between
complicated by the internal 5k
Ω + 30% input
small-signal accuracy and maximum permissible
impedance; this is illustrated in Figure 29. Using the
voltage loss in the measurement line. High values of
lowest possible resistor values minimizes both the
RS provide better accuracy at lower currents by
initial shift in gain and effects of tolerance. The effect
minimizing the effects of offset, while low values of
on initial gain is given by Equation 3:
RS minimize voltage loss in the supply line. For most
applications, best performance is attained with an RS
value that provides a full-scale shunt voltage range of
50mV to 100mV. Maximum input voltage for accurate
(3)
measurements is 500mV.
Total effect on gain error can be calculated by
replacing the 5k
Ω term with 5kΩ – 30%, (or 3.5kΩ) or
TRANSIENT PROTECTION
5k
Ω + 30% (or 6.5kΩ). The tolerance extremes of
The –16V to +80V common-mode range of the
RFILT can also be inserted into the equation. If a pair
INA200, INA201, and INA202 is ideal for withstanding
of 100
Ω 1% resistors are used on the inputs, the
automotive fault conditions ranging from 12V battery
initial gain error will be 1.96%. Worst-case tolerance
reversal up to +80V transients, since no additional
conditions will always occur at the lower excursion of
protective components are needed up to those levels.
the internal 5k
Ω resistor (3.5kΩ), and the higher
In the event that the INA200, INA201, and INA202
excursion of RFILT – 3% in this case.
are exposed to transients on the inputs in excess of
Note that the specified accuracy of the INA200,
their ratings, then external transient absorption with
INA201, and INA202 must then be combined in
semiconductor transient absorbers (such as zeners)
addition to these tolerances. While this discussion
will be necessary. Use of MOVs or VDRs is not
treated accuracy worst-case conditions by combining
recommended except when they are used in addition
the extremes of the resistor values, it is appropriate to
to a semiconductor transient absorber. Select the
use geometric mean or root sum square calculations
transient absorber such that it will never allow the
to total the effects of accuracy variations.
INA200, INA201, and INA202 to be exposed to
transients greater than +80V (that is, allow for
COMPARATOR
transient absorber tolerance, as well as additional
voltage
due
to
transient
absorber
dynamic
The
INA200,
INA201,
and
INA202
devices
impedance). Despite the use of internal zener-type
incorporate
an
open-drain
comparator.
This
ESD protection, the INA200, INA201, and INA202 do
comparator typically has 2mV of offset and a 1.3ms
not lend themselves to using external resistors in
(typical) response time. The output of the comparator
latches and is reset through the RESET pin; see
Figure 30.
12
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): INA200 INA201 INA202


Similar Part No. - INA200AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200AIDRG4 TI1-INA200AIDRG4 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA200AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com