Electronic Components Datasheet Search |
|
INA200AIDR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|
INA200AIDR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 27 page INA200 G 0.6V Reference Comparator OUT CMP IN CMP OUT V IN- V IN+ INA200 (G = 20) INA201 (G = 50) INA202 (G = 100) RESET GND V+ 2 3 4 6 5 7 8 1 INA200 INA201 INA202 www.ti.com SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010 High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference Check for Samples: INA200, INA201, INA202 1 FEATURES DESCRIPTION • COMPLETE CURRENT SENSE SOLUTION • 0.6V INTERNAL VOLTAGE REFERENCE The INA200, INA201, and INA202 are high-side current-shunt monitors with voltage output. The • INTERNAL OPEN-DRAIN COMPARATOR INA200–INA202 can sense drops across shunts at • LATCHING CAPABILITY ON COMPARATOR common-mode voltages from –16V to 80V. The • COMMON-MODE RANGE: –16V to +80V INA200–INA202 are available with three output voltage scales: 20V/V, 50V/V, and 100V/V, with up to • HIGH ACCURACY: 3.5% MAX ERROR OVER 500kHz bandwidth. TEMPERATURE The INA200, INA201, and INA202 also incorporate an • BANDWIDTH: 500kHz (INA200) open-drain comparator and internal reference • QUIESCENT CURRENT: 1800mA (max) providing a 0.6V threshold. External dividers are used • PACKAGES: SO-8, MSOP-8 to set the current trip point. The comparator includes a latching capability, which can be made transparent APPLICATIONS by grounding (or leaving open) the RESET pin. • NOTEBOOK COMPUTERS The INA200, INA201, and INA202 operate from a • CELL PHONES single +2.7V to +18V supply, drawing a maximum of • TELECOM EQUIPMENT 1800mA of supply current. Package options include the very small MSOP-8 and the SO-8. All versions • AUTOMOTIVE are specified over the extended operating • POWER MANAGEMENT temperature range of –40°C to +125°C. • BATTERY CHARGERS • WELDING EQUIPMENT 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - INA200AIDR |
|
Similar Description - INA200AIDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |