Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B055-001-USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B055-001-USB
Description  KVM Switch Accessories - USB Server Interface Unit for B064-Series NetDirector Cat5 KVM Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B055-001-USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B055-001-USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B055-001-USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B055-001-USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B055-001-USB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KVM Switch Accessories - USB Server Interface
Unit for B064-Series NetDirector Cat5 KVM Switches
MODEL NUMBER: B055-001-USB
Description
Tripp Lite's USB Server Interface Unit connects a USB server to a B064-Series NetDirector KVM switch using
Cat5e/6 cabling. Use of Cat5e/6 cables frees up space in server cabinets that would otherwise be filled by
traditional, bulkier KVM cable kits. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule
purchases.
Features
Eliminates the need for thicker, heavier KVM cable kits
Compact, lightweight design
Plug and Play; no software required
No power supply required
164 ft. (50 m.) distance from KVM switch
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
OVERVIEW
Intended Application
Connect a USB computer/server to a B064-Series NetDirector KVM Switch using Cat5e/6 cable
Model Type
Interface Modules
CONNECTIONS
Connector A
RJ45 (FEMALE)
Highlights
Needed to connect a USB server
to a B064-Series NetDirector
KVM switch via Cat5e/6 cable
Easy to install; no software
needed
Allows a maximum distance of
164 ft. (50 m.) from KVM to
server via Cat5e/6 cable
Compact and lightweight design
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
System Requirements
Server or CPU with a HD15
connector and USB type A
connector
A B064-Series NetDirector Cat5
KVM Switch
Cat5e/6 cable
Package Includes
1 USB Server Interface Unit
1 / 3


Similar Part No. - B055-001-USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B055-001-USB-V2 TRIPPLITE-B055-001-USB-V2 Datasheet
483Kb / 4P
KVM Switch Accessories - USB Server Interface Unit with Virtual Media Support for B064-Series NetDirector Cat5 KVM Switches
More results

Similar Description - B055-001-USB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B062-002-USB ETC2-B062-002-USB Datasheet
487Kb / 4P
KVM Switch Accessories- USB Console Interface Module for NetDirector Matrix KVM Switches
logo
Tripp Lite. All Rights ...
B054-001-PS2 TRIPPLITE-B054-001-PS2 Datasheet
482Kb / 3P
KVM Switch Accessories - PS/2 Server Interface Module for NetDirector Matrix KVM Switches
B054-001-SUN TRIPPLITE-B054-001-SUN Datasheet
493Kb / 4P
KVM Switch Accessories - SUN Server Interface Module for NetDirector Matrix KVM Switches
B055-001-PS2 TRIPPLITE-B055-001-PS2 Datasheet
485Kb / 4P
KVM Switch Accessories - PS/2 Server Interface Unit for B064-Series NetDirector Cat5 KVM Switches
B055-001-SER TRIPPLITE-B055-001-SER Datasheet
489Kb / 4P
KVM Switch Accessories - Serial Server Interface Unit for B064-Series NetDirector Cat5 KVM Switches
B055-001-USB-V2 TRIPPLITE-B055-001-USB-V2 Datasheet
483Kb / 4P
KVM Switch Accessories - USB Server Interface Unit with Virtual Media Support for B064-Series NetDirector Cat5 KVM Switches
B078-001-USB TRIPPLITE-B078-001-USB Datasheet
490Kb / 3P
KVM Switch Accessories - NetCommander USB Server Interface Module
B078-101-PS2 TRIPPLITE-B078-101-PS2 Datasheet
493Kb / 4P
KVM Switch Accessories - NetCommander PS2 Server Interface Unit (SIU)
B078-101-USB TRIPPLITE-B078-101-USB Datasheet
484Kb / 4P
KVM Switch Accessories - NetCommander USB Server Interface Unit (SIU)
B06403204IPG TRIPPLITE-B06403204IPG Datasheet
484Kb / 3P
NetDirector 32-Port Cat5 IP KVM Switch 1U
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com